Electronic Components Datasheet Search
  English  ▼

X  

MAX9770EUI Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX9770EUI
Description  1.2W Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9770EUI Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX9770EUI Datasheet HTML 9Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 10Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 11Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 12Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 13Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 14Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 15Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 16Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
External Clock Mode
The SYNC input allows the MAX9770 to be synchro-
nized to a system clock (allowing a fully synchronous
system), or allocating the spectral components of the
switching harmonics to insensitive frequency bands.
Applying an external clock of 800kHz to 2MHz to SYNC
synchronizes the switching frequency of both the Class
D and charge pump. The period of the SYNC clock can
be randomized, enabling the MAX9770 to be synchro-
nized to another spread-spectrum Class D amplifier
operating in SSM mode.
Filterless Modulation/Common-Mode Idle
The MAX9770 uses Maxim’s unique, patented modulation
scheme that eliminates the LC filter required by traditional
Class D amplifiers, improving efficiency, reducing com-
ponent count, conserving board space and system cost.
Conventional Class D amplifiers output a 50% duty cycle
square wave when no signal is present. With no filter, the
square wave appears across the load as a DC voltage,
resulting in finite load current, increasing power con-
sumption. When no signal is present at the device input,
the outputs switch as shown in Figure 4. Because the
MAX9770 drives the speaker differentially, the two out-
puts cancel each other, resulting in no net idle mode volt-
age across the speaker, minimizing power consumption.
Efficiency
Efficiency of a Class D amplifier is attributed to the
region of operation of the output stage transistors. In a
Class D amplifier, the output transistors act as current-
steering switches and consume negligible additional
power. Any power loss associated with the Class D out-
put stage is mostly due to the I*R loss of the MOSFET
on-resistance, and quiescent current overhead.
1.2W Low-EMI, Filterless, Mono Class D Amplifier
with Stereo DirectDrive Headphone Amplifiers
______________________________________________________________________________________
13
30.0
60.0
80.0
100.0 120.0 140.0 160.0 180.0
280.0 300.0
220.0
200.0
240.0 260.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
FREQUENCY (MHz)
Figure 3. MAX9770 EMI with 75mm of Speaker Cable
VIN = 0V
OUT-
OUT+
VOUT+ - VOUT- = 0V
Figure 4. MAX9770 Output with No Signal Applied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com