Electronic Components Datasheet Search
  English  ▼

X  

MAX9770EUI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9770EUI
Description  1.2W Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9770EUI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9770EUI Datasheet HTML 1Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 2Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 3Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 4Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 5Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 6Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 7Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 8Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1.2W Low-EMI, Filterless, Mono Class D Amplifier
with Stereo DirectDrive Headphone Amplifiers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = PVDD = CPVDD = 3.3V, GND = PGND = CPGND = 0V, SHDN = 3.3V, C1 = C2 = 1µF, CBIAS = 0.047µF, SYNC = GND, RL =
∞,
speaker load connected between OUT+ and OUT-, headphone load connected between HPOUT_ and GND, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Signal-to-Noise Ratio
SNR
RL = 8
Ω, VOUT = 2VRMS, A-weighted
85.9
dB
SYNC = GND
980
1100
1220
SYNC = FLOAT
1280
1450
1620
Output Switching Frequency
FS
SYNC = VDD
1220
±120kHz
kHz
SYNC Frequency Lock Range
800
2000
kHz
Efficiency
η
PO = 1000mW, f = 1kHz
85
%
GAIN1 = 0, GAIN2 = 0
6
GAIN1 = 0, GAIN2 = 1
3
GAIN1 = 1, GAIN2 = 0
9
Gain
AV
GAIN1 = 1, GAIN2 = 1
0
dB
Gain Accuracy
±5%
Speaker Path Off-Isolation
HPS = VDD, headphone amplifier active,
f = 1kHz
102
dB
HEADPHONE AMPLIFIER (GAIN1 = 1, GAIN2 = 0, HPS = VDD )
Output Offset Voltage
VOS
±5
±10
mV
VDD = 2.5V to 5.5V
65
76
VRIPPLE = 200mVP-P, f = 217kHz
85
VRIPPLE = 200mVP-P, f = 1kHz
82
Power-Supply Rejection Ratio
PSRR
(Note 3)
VRIPPLE = 200mVP-P, f = 20kHz
56
dB
RL = 32
Ω
40
55
VDD = 3.3V
RL = 16
Ω
40
RL = 32
Ω
60
Output Power
POUT
f = 1kHz,
THD+N = 1%
VDD = 5V
RL = 16
Ω
80
mW
RL = 32
Ω, POUT = 50mW, f = 1kHz
0.015
Total Harmonic Distortion Plus
Noise
THD+N
RL = 16
Ω, POUT = 35mW, f = 1kHz
0.03
%
Signal-to-Noise Ratio
SNR
RL = 32
Ω, VOUT = 300mVRMS,
BW = 22Hz to 22kHz
101
dB
Crosstalk
Between channels, f = 1kHz,
VIN = 200mVP-P
80
dB
Headphone Off-Isolation
HPS = GND, speaker amplifier active,
f = 1kHz
96
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com