Electronic Components Datasheet Search
  English  ▼

X  

MIC5012BWM Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5012BWM
Description  Dual High- or Low-Side MOSFET Driver Not Recommended for New Designs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5012BWM Datasheet(HTML) 7 Page - Micrel Semiconductor

  MIC5012BWM Datasheet HTML 1Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 2Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 3Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 4Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 5Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 6Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 7Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 8Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MIC5012
Micrel
5-120
April 1998
Applications Information (Continued)
Input
Source
Gate
1/2 MIC5012
V+
IRF541
1µF
Figure 6. Half-Bridge
Motor Driver
+
100nF
1N4001 (2)
1N5817
15V
220pF
1N4148
22k
Ω
M
12V,
10A Stalled
Input
Source
Gate
1/2 MIC5012
V+
Gnd
IRF541
10µF
+
1nF
10k
Ω
2N3904
22k
Ω
15V
PWM
INPUT
High-side drivers implemented with MIC501X drivers are
self-protected against inductive switching transients. Dur-
ing turn-off an inductive load will force the MOSFET source
5V or more below ground, while the MIC5012 holds the gate
at ground potential. The MOSFET is forced into conduction,
and it dissipates the energy stored in the load inductance.
The MIC5012 source pin is designed to withstand this
negative excursion without damage. External clamp diodes
are unnecessary.
Low-Side Driver (Figure 2). A key advantage of the low-
side topology is that the load supply is limited only by the
MOSFET BV
DSS rating. Clamping may be required to
protect the MOSFET drain terminal from inductive switch-
ing transients. The MIC5012 supply should be limited to
15V in low-side topologies; otherwise, a large current will be
forced through the gate clamp zener. The switching speed
to 10V enhancement is 300
µs driving 1nF on a 5V supply.
On a 15V supply the turn-on time is less than 2
µs to 10V
Low-side drivers constructed with the MIC501X family are
also fast; the MOSFET gate is driven to near supply
immediately when commanded ON. Typical circuits achieve
10V enhancement in 10
µs or less on a 12 to 15V supply.
Modifying Switching Times. Do not add external capacitors
to the MOSFET gate. Add a resistor (1k
Ω to 51kΩ) in series
with the gate to slow down the switching time.
Bootstrapped High-Side Driver (Figure 3). The speed of
a high-side driver can be increased to better than 10
µs by
bootstrapping the supply off of the MOSFET source. This
topology can be used where the load is pulse-width modu-
lated (100Hz to 20kHz), or where it is energized continu-
ously. The Schottky barrier diode prevents the MIC5012
supply pin from dropping more than 200mV below the drain
supply, and it also improves turn-on time on supplies of less
than 10V. Since the supply current in the “off” state is only
a small leakage, the 100nF bypass capacitor tends to
remain charged for several seconds after the MIC5012 is
turned off. In a PWM application the chip supply is sustained
at a higher potential than the system supply, which im-
proves switching time.
Opto-Isolated Interface (Figure 4). Although the MIC5012
has no special input slew rate requirement, the lethargic
transitions provided by an opto-isolator may cause oscilla-
tions on the rise and fall of the output. The circuit shown
accelerates the input transitions from a 4N35 opto-isolator
by adding hysteresis. Opto-isolators are used where the
control circuitry cannot share a common ground with the
MIC5012 and high-current power supply, or where the
control circuitry is located remotely. This implementation is
intrinsically safe; if the control line is severed the MIC5012
will turn OFF.
Industrial Switch (Figure 5). The most common manual
control for industrial loads is a push button on/off switch.
The “on” button is physically arranged in a recess so that in
a panic situation the “off” button, which extends out from the
control box, is more easily pressed. This circuit is compat-
ible with control boxes such as the CR2943 series (GE).
The circuit is configured so that if both switches close
simultaneously, the “off” button has precedence.
This application also illustrates how two (or more) MOSFETs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com