Electronic Components Datasheet Search
  English  ▼

X  

MIC5012BWM Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5012BWM
Description  Dual High- or Low-Side MOSFET Driver Not Recommended for New Designs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5012BWM Datasheet(HTML) 8 Page - Micrel Semiconductor

  MIC5012BWM Datasheet HTML 1Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 2Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 3Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 4Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 5Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 6Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 7Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 8Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
April 1998
5-121
MIC5012
Micrel
5
Applications Information (Continued)
Figure 8. Motor Stall
Shutdown
M
T
STOP
RUN
START
12V
100nF
1N4148
Input
Source
Gate
1/2 MIC5012
V+
Gnd
12V
IRFZ44
10µF
+
330k
Ω
330k
Ω
R
can be paralleled. This reduces the switch drop, and distrib-
utes the switch dissipation into multiple packages.
Half-Bridge Motor Driver (Figure 6). Closed loop control of
motor speed requires a half-bridge driver. This topology
presents an extra challenge since the two output devices
should not cross conduct (shoot-through) when switching.
Cross conduction increases output device power dissipa-
tion. Speed is also important, since PWM control requires
the outputs to switch in the 2 to 20kHz range.
The circuit of Figure 6 utilizes fast configurations for both the
top- and bottom-side drivers. Delay networks at each input
provide a 2 to 3
µs dead time effectively eliminating cross
conduction. Two of these circuits can be connected to-
gether to form an H-bridge for locked antiphase or sign/
magnitude control.
Time-Delay Relay (Figure 7). The MIC5012 forms the
basis of a simple time-delay relay. As shown, the delay
commences when power is applied, but the 100k
Ω/1N4148
could be independently driven from an external source such
as a switch or another high-side driver to give a delay
relative to some other event in the system. Hysteresis has
been added to guarantee clean switching at turn-on.
Motor Driver with Stall Shutdown (Figure 8). Tachometer
feedback can be used to shut down a motor driver circuit
when a stall condition occurs. The control switch is a 3-way
type; the “START” position is momentary and forces the
driver ON. When released, the switch returns to the “RUN”
position, and the tachometer's output is used to hold the
MIC5012 input ON. If the motor slows down, the tach output
is reduced, and the MIC5012 switches OFF. Resistor “R”
sets the shutdown threshold.
Input
Source
Gate
1/2 MIC5012
V+
Gnd
12V
IRFZ44
10µF
Figure 7. 30 Ampere
Time-Delay Relay
+
OUTPUT
(Delay=2s)
10k
Ω
100
Ω
47µF
+
100k
Ω
1N4148
Electronic Governor (Figure 9). The output of an ac
tachometer can be used to form a PWM loop to maintain the
speed of a motor. The tachometer output is rectified,
partially filtered, and fed back to the input of the MIC5012.
When the motor is stalled there is no tachometer output,
and MIC5012 input is pulled high delivering full power to the
motor. If the motor spins fast enough, the tachometer output
is sufficient to pull the MIC5012 input low, shutting the
output off. Since the rectified waveform is only partially
filtered, the input oscillates around its threshold causing the
MIC5012 to switch on and off at the frequency of the
tachometer signal. A PWM action results since the average
dc voltage at the input decreases as the motor spins faster.
The 1k
Ω potentiometer is used to set the running speed of
the motor. Loop gain (and speed regulation) is increased by
increasing the value of the 100nF filter capacitor.
The performance of such a loop is imprecise, but stable and
inexpensive. A more elaborate loop would consist of a PWM
controller and a half-bridge.
Figure 9. Electronic Governor
M
T
100nF
1N4148
Input
Source
Gate
1/2 MIC5012
V+
Gnd
15V
IRF541
10µF
+
330k
Ω
330k
Ω
1k
Ω
15V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com