Electronic Components Datasheet Search
  English  ▼

X  

MMK7.5 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MMK7.5
Description  Metallized polyester According to CECC 30401-042, IEC 60384-2, DIN 44122
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MMK7.5 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MMK7.5 Datasheet HTML 2Page - List of Unclassifed Manufacturers MMK7.5 Datasheet HTML 3Page - List of Unclassifed Manufacturers MMK7.5 Datasheet HTML 4Page - List of Unclassifed Manufacturers MMK7.5 Datasheet HTML 5Page - List of Unclassifed Manufacturers MMK7.5 Datasheet HTML 6Page - List of Unclassifed Manufacturers MMK7.5 Datasheet HTML 7Page - List of Unclassifed Manufacturers MMK7.5 Datasheet HTML 8Page - List of Unclassifed Manufacturers MMK7.5 Datasheet HTML 9Page - List of Unclassifed Manufacturers MMK7.5 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
31
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Max
Old
tance
dU/dt
MMK
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
V/µs
Article code
size
MMK
63 VDC/40 VAC
* Existing capacitance value in smaller dimensions or new capacitance value.
LEAD SPACING 5 MM
0.0010
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 102K63J01L4 BULK
0.0012
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 122K63J01L4 BULK
0.0015
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 152K63J01L4 BULK
0.0018
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 182K63J01L4 BULK
0.0022
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 222K63J01L4 BULK
0.0027
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 272K63J01L4 BULK
0.0033
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 332K63J01L4 BULK
0.0039
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 392K63J01L4 BULK
0.0047
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 472K63J01L4 BULK
0.0056
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 562K63J01L4 BULK
0.0068
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 682K63J01L4 BULK
0.0082
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 822K63J01L4 BULK
0.010
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 103K63J01L4 BULK
0.012
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 123K63J01L4 BULK
0.015
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 153K63J01L4 BULK
0.018
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 183K63J01L4 BULK
0.022
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 223K63J01L4 BULK
0.027
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 273K63J01L4 BULK
0.033
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 333K63J01L4 BULK
0.039
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 393K63J01L4 BULK
0.047
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 473K63J01L4 BULK
0.056
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 563K63J01L4 BULK
0.068
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 683K63J01L4 BULK
0.082
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 823K63J01L4 BULK
0.10
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 104K63J01L4 BULK
0.12
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 124K63J01L4 BULK
0.15
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 154K63J01L4 BULK
0.18 *
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 184K63J01L4 BULK
J02
0.22 *
2.5
6.5
7.2
5.0
2000
2500
3000
25
MMK5 224K63J01L4 BULK
J02
0.27
3.5
8.0
7.2
5.0
2000
2000
2000
25
MMK5 274K63J02L4 BULK
0.33
3.5
8.0
7.2
5.0
2000
2000
2000
25
MMK5 334K63J02L4 BULK
0.39 *
3.5
8.0
7.2
5.0
2000
2000
2000
25
MMK5 394K63J02L4 BULK
J03
0.47 *
3.5
8.0
7.2
5.0
2000
2000
2000
25
MMK5 474K63J02L4 BULK
J03
0.56 *
4.5
9.0
7.2
5.0
1000
1500
1700
25
MMK5 564K63J03L4 BULK
J04
0.68 *
4.5
9.0
7.2
5.0
1000
1500
1700
25
MMK5 684K63J03L4 BULK
J04
0.82 *
5.0
10.0
7.2
5.0
1000
1300
1500
25
MMK5 824K63J04L4 BULK
J05
1.0 *
5.0
10.0
7.2
5.0
1000
1300
1500
25
MMK5 105K63J04L4 BULK
J05
1.2 *
6.0
11.0
7.2
5.0
1000
1000
1200
25
MMK5 125K63J05L4 BULK
J06
1.5 *
6.0
11.0
7.2
5.0
1000
1000
1200
25
MMK5 155K63J05L4 BULK
J06
1.8
7.2
13.0
7.2
5.0
1000
800
25
MMK5 185K63J06L4 BULK
2.2
7.2
13.0
7.2
5.0
1000
800
25
MMK5 225K63J06L4 BULK
LEAD SPACING 7.5 MM
0.0010
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 102K63K00L4 BULK
0.0012
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 122K63K00L4 BULK
0.0015
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 152K63K00L4 BULK
0.0018
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 182K63K00L4 BULK
0.0022
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 222K63K00L4 BULK
0.0027
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 272K63K00L4 BULK
0.0033
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 332K63K00L4 BULK
0.0039
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 392K63K00L4 BULK
0.0047
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 472K63K00L4 BULK
0.0056
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 562K63K00L4 BULK
0.0068
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 682K63K00L4 BULK
0.0082
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 822K63K00L4 BULK
0.010
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 103K63K00L4 BULK
0.012
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 123K63K00L4 BULK
0.015
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 153K63K00L4 BULK
0.018
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 183K63K00L4 BULK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com