Electronic Components Datasheet Search
  English  ▼

X  

MMK7.5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MMK7.5
Description  Metallized polyester According to CECC 30401-042, IEC 60384-2, DIN 44122
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MMK7.5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MMK7.5 Datasheet HTML 1Page - List of Unclassifed Manufacturers MMK7.5 Datasheet HTML 2Page - List of Unclassifed Manufacturers MMK7.5 Datasheet HTML 3Page - List of Unclassifed Manufacturers MMK7.5 Datasheet HTML 4Page - List of Unclassifed Manufacturers MMK7.5 Datasheet HTML 5Page - List of Unclassifed Manufacturers MMK7.5 Datasheet HTML 6Page - List of Unclassifed Manufacturers MMK7.5 Datasheet HTML 7Page - List of Unclassifed Manufacturers MMK7.5 Datasheet HTML 8Page - List of Unclassifed Manufacturers MMK7.5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
26
50
63
100
250
400
630
1000
30
40
63
160
200
220
250
0.001
0.001
0.001
0.001
0.001
0.001
0.001
–10.0
–82
–56
–22
–10
–4.7
–1.5
±20%, ±10% standard, ±5%.
–55 ... +100°C
Above +85°C DC and AC voltage derating
is 1.25%/°C.
+85°C
IEC 60068-1, 55/100/56
DIN 40040, FME
–55 ... +100°C
Average relative humidity
≤ 75 %
RH = 95% for 30 days per year.
RH = 85% for further days limited by
average value per year, occasional slight
condensation permitted.
1.6 x U
R VDC for 2s
Max. 2% after a 2 year storage period at a
temperature of +10 ... +40°C and a relative
humidity of 40...60%.
Operational life > 200 000 h.
Failure rate < 3 FIT, T = +40°C, U = 0.5 x U
R.
Failure criteria according to DIN 44122.
dU/dt according to article table.
For peak to peak voltages lower than
rated voltage (U
PP < UR), the specified
dU/dt can be multiplied by the factor U
R/UPP.
+400 (±200) ppm/°C at 1 kHz
Approximately 6 nH/cm for the total length
of capacitor winding and the leads.
MMK
• Metallized polyester
• According to CECC 30401-042, IEC 60384-2, DIN 44122
TYPICAL APPLICATIONS
Bypassing, signal coupling. General
purpose for highest reliability.
CONSTRUCTION
Metallized polyester film capacitor. Radial
leads of tinned wire are electrically welded
to the contact metal layer on the ends of
the capacitor winding. Encapsulation in
self-extinguishing material meeting the
requirements of UL 94V-0.
TECHNICAL DATA
L
H
B
p
l
∅ d
0.5
b
p
d
std I max I
b
5.0 ± 0.4
0.5
4+1
30
± 0.4
7.5 ± 0.4
0.6
4+1
30
± 0.4
10.0 ± 0.4
0.6
4+1
30
± 0.4
15.0 ± 0.4
0.8
4+1
30
± 0.4
22.5 ± 0.4
0.8
4+1
30
± 0.4
27.5 ± 0.4
0.8
4+1
30
± 0.4
37.5 ± 0.5
1.0
4+1
30
± 0.7
Rated voltage U
R
, VDC
Rated voltage U
R
, VAC
Capacitance, µF
Capacitance tolerance
Category temperature range
Voltage derating
Rated temperature
Climatic category
Test voltage
Capacitance drift
Reliability
Maximum pulse steepness:
Temperature coefficient
Self inductance
NEW OPTIMIZED SERIES IN SMALLER DIMENSIONS
There are now many parts in the MMK series in smaller sizes than before. The capacitance
range has also been extended. These parts are marked with * in the article table. The size
codes for the bigger old parts are shown in the article table next to the new article code.
Table with all size codes on page 18.


Similar Part No. - MMK7.5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MMK75S ASTRODYNE-MMK75S Datasheet
748Kb / 3P
Medical Grade 75 Watt Enclosed Switching Power Supplies
MMK75S-12 ASTRODYNE-MMK75S-12 Datasheet
748Kb / 3P
Medical Grade 75 Watt Enclosed Switching Power Supplies
MMK75S-15 ASTRODYNE-MMK75S-15 Datasheet
748Kb / 3P
Medical Grade 75 Watt Enclosed Switching Power Supplies
MMK75S-24 ASTRODYNE-MMK75S-24 Datasheet
748Kb / 3P
Medical Grade 75 Watt Enclosed Switching Power Supplies
logo
MacMic
MMK75U160UX MACMIC-MMK75U160UX Datasheet
646Kb / 5P
1600V 75A Three Phase DiodeThyristor Module
More results

Similar Description - MMK7.5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1817 VISHAY-MKT1817 Datasheet
46Kb / 3P
Metallized Polyester Film Capacitors Related Document : IEC 60384-2
01-Dec-03
MKT1822 VISHAY-MKT1822 Datasheet
54Kb / 4P
Metallized Polyester Film Capacitor Related Document: IEC 60384-2
02-Dec-03
logo
Vaishali Semiconductor
MKT1816 VAISH-MKT1816 Datasheet
29Kb / 2P
Metallized Polyester Film Capacitors Related Document: IEC 60384-2, CECC 30 400
logo
Vishay Siliconix
MKT1817 VISHAY-MKT1817_05 Datasheet
171Kb / 4P
Metallized Polyester Film Capacitors Related Document: IEC 60384-2
05-Jul-05
MKT1817 VISHAY-MKT1817_08 Datasheet
171Kb / 4P
Metallized Polyester Film Capacitors Related Document: IEC 60384-2
05-Jul-05
logo
DinTek Semiconductor Co...
DTC3058 DINTEK-DTC3058 Datasheet
300Kb / 8P
Halogen-free According to IEC 61249-2-21
DTS2312 DINTEK-DTS2312 Datasheet
307Kb / 9P
Halogen-free According to IEC 61249-2-21
DTS3402 DINTEK-DTS3402 Datasheet
325Kb / 9P
Halogen-free According to IEC 61249-2-21
logo
List of Unclassifed Man...
116-40074 ETC2-116-40074 Datasheet
121Kb / 2P
Connectors according to DIN 41612 / IEC 60603-2
109-40015 ETC2-109-40015 Datasheet
144Kb / 2P
Connectors according to DIN 41612 / IEC 60603-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com