Electronic Components Datasheet Search
  English  ▼

X  

ISO7710 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7710
Description  ISO7710 High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7710 Datasheet(HTML) 1 Page - Texas Instruments

  ISO7710 Datasheet HTML 1Page - Texas Instruments ISO7710 Datasheet HTML 2Page - Texas Instruments ISO7710 Datasheet HTML 3Page - Texas Instruments ISO7710 Datasheet HTML 4Page - Texas Instruments ISO7710 Datasheet HTML 5Page - Texas Instruments ISO7710 Datasheet HTML 6Page - Texas Instruments ISO7710 Datasheet HTML 7Page - Texas Instruments ISO7710 Datasheet HTML 8Page - Texas Instruments ISO7710 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
OUT
GND2
GND1
IN
VCC2
VCC1
Isolation
Capacitor
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ISO7710
SLLSER9A – NOVEMBER 2016 – REVISED DECEMBER 2016
ISO7710 High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
1
1 Features
1
•
Signaling Rate: Up to 100 Mbps
•
Wide Supply Range: 2.25 V to 5.5 V
•
2.25 V to 5.5 V Level Translation
•
Default Output High and Low Options
•
Wide Temperature Range: –55°C to 125°C
•
Low Power Consumption, Typical 1.7 mA at
1 Mbps
•
Low Propagation Delay: 11 ns Typical
(5-V Supplies)
•
High CMTI: ±100 kV/μs Typical
•
Robust Electromagnetic Compatibility (EMC)
–
System-Level ESD, EFT, and Surge Immunity
–
Low Emissions
•
Isolation Barrier Life: > 40 Years
•
Wide-SOIC (DW-16) and Narrow-SOIC (D-8)
Package Options
•
Safety and Regulatory Approvals:
–
VDE Reinforced Insulation per DIN V VDE
V 0884-10 (VDE V 0884-10):2006-12
–
UL 1577 Component Recognition Program
–
CSA Component Acceptance Notice
5A, IEC 60950-1 and IEC 60601-1 End
Equipment Standards
–
CQC Certification per GB4943.1-2011
–
TUV Certification according to EN 60950-1 and
EN 61010-1
–
VDE, UL, CSA, and TUV Certifications for DW-
16 Package Complete; All Other Certifications
Planned
2 Applications
•
Industrial Automation
•
Hybrid Electric Vehicles
•
Motor Control
•
Power Supplies
•
Solar Inverters
•
Medical Equipment
3 Description
The ISO7710 device is a high-performance, single-
channel digital isolator with 5000 VRMS (DW package)
and 3000 VRMS (D package) isolation ratings per UL
1577. This device is also certified by VDE, TUV,
CSA, and CQC.
The ISO7710 device provides high electromagnetic
immunity
and
low
emissions
at
low
power
consumption, while isolating CMOS or LVCMOS
digital I/Os. The isolation channel has a logic input
and output buffer separated by a silicon dioxide
(SiO2) insulation barrier. In the event of input power
or signal loss, default output is high for a device
without suffix F and low for a device with suffix F. See
the Device Functional Modes section for further
details.
Used in conjunction with isolated power supplies, the
device helps prevent noise currents on a data bus or
other circuits from entering the local ground and
interfering
with
or
damaging
sensitive
circuitry.
Through
innovative
chip
design
and
layout
techniques, the electromagnetic compatibility of the
ISO7710 device has been significantly enhanced to
ease system-level ESD, EFT, surge, and emissions
compliance. The ISO7710 device is available in 16-
pin SOIC wide-body (DW) and 8-pin SOIC narrow-
body (D) packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ISO7710
SOIC (D)
4.90 mm × 3.91 mm
SOIC (DW)
10.30 mm × 7.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - ISO7710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7710 TI1-ISO7710 Datasheet
540Kb / 31P
High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7710 TI1-ISO7710 Datasheet
1Mb / 34P
High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7710 TI2-ISO7710 Datasheet
1Mb / 39P
ISO7710 High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
REVISED DECEMBER 2024
ISO7710 TI2-ISO7710 Datasheet
1Mb / 38P
ISO7710-Q1 High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
REVISED DECEMBER 2024
ISO7710-Q1 TI1-ISO7710-Q1 Datasheet
540Kb / 31P
High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
More results

Similar Description - ISO7710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7730 TI1-ISO7730 Datasheet
576Kb / 33P
High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7710-Q1 TI1-ISO7710-Q1 Datasheet
540Kb / 31P
High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7710-Q1 TI1-ISO7710-Q1_17 Datasheet
1Mb / 34P
High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760 TI1-ISO7760_18 Datasheet
2Mb / 40P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760-Q1 TI1-ISO7760-Q1_19 Datasheet
3Mb / 44P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7741E-Q1 TI1-ISO7741E-Q1 Datasheet
1Mb / 31P
ISO7741E-Q1 Grade 0, High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com