Electronic Components Datasheet Search
  English  ▼

X  

ISO7710 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7710
Description  ISO7710 High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7710 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO7710 Datasheet HTML 8Page - Texas Instruments ISO7710 Datasheet HTML 9Page - Texas Instruments ISO7710 Datasheet HTML 10Page - Texas Instruments ISO7710 Datasheet HTML 11Page - Texas Instruments ISO7710 Datasheet HTML 12Page - Texas Instruments ISO7710 Datasheet HTML 13Page - Texas Instruments ISO7710 Datasheet HTML 14Page - Texas Instruments ISO7710 Datasheet HTML 15Page - Texas Instruments ISO7710 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
12
ISO7710
SLLSER9A – NOVEMBER 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ISO7710
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Also known as pulse skew.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
6.15 Switching Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 11
6
11
16
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
0.6
4.9
ns
tsk(pp)
Part-to-part skew time(2)
4.5
ns
tr
Output signal rise time
See Figure 11
1.8
3.9
ns
tf
Output signal fall time
1.9
3.9
ns
tDO
Default output delay time from input power loss
Measured from the time VCC1 goes below 1.7 V.
See Figure 12
0.1
0.3
μs
tie
Time interval error
216 – 1 PRBS data at 100 Mbps
1
ns
(1)
Also known as pulse skew.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
6.16 Switching Characteristics—3.3-V Supply
VCC1 = VCC2 = 3.3 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 11
6
11
16
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
0.1
5
ns
tsk(pp)
Part-to-part skew time(2)
4.5
ns
tr
Output signal rise time
See Figure 11
0.7
3
ns
tf
Output signal fall time
0.7
3
ns
tDO
Default output delay time from input power loss
Measured from the time VCC1 goes below 1.7 V.
See Figure 12
0.1
0.3
μs
tie
Time interval error
216 – 1 PRBS data at 100 Mbps
1
ns
(1)
Also known as pulse skew.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
6.17 Switching Characteristics—2.5-V Supply
VCC1 = VCC2 = 2.5 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 11
7.5
12
18.5
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
0.2
5.1
ns
tsk(pp)
Part-to-part skew time(2)
4.6
ns
tr
Output signal rise time
See Figure 11
1
3.5
ns
tf
Output signal fall time
1
3.5
ns
tDO
Default output delay time from input power loss
Measured from the time VCC1 goes below 1.7 V.
See Figure 12
0.1
0.3
μs
tie
Time interval error
216 – 1 PRBS data at 100 Mbps
1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com