Electronic Components Datasheet Search
  English  ▼

X  

S7802 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # S7802
Description  CpG WIZ Prader-Willi/Angelman Amplification Kit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S7802 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button S7802 Datasheet HTML 17Page - List of Unclassifed Manufacturers S7802 Datasheet HTML 18Page - List of Unclassifed Manufacturers S7802 Datasheet HTML 19Page - List of Unclassifed Manufacturers S7802 Datasheet HTML 20Page - List of Unclassifed Manufacturers S7802 Datasheet HTML 21Page - List of Unclassifed Manufacturers S7802 Datasheet HTML 22Page - List of Unclassifed Manufacturers S7802 Datasheet HTML 23Page - List of Unclassifed Manufacturers S7802 Datasheet HTML 24Page - List of Unclassifed Manufacturers S7802 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
17
STEP 3. Gel Electrophoresis
a. After the completion of PCR, add an appropriate amount of loading dye to
the sample and analyze 5 µL of the reaction on a 2% agarose or a 10% native
acrylamide or other high resolution agarose gel. Use DNA markers (100-300
bp range) to determine the size of PCR products.
b. After electrophoresis, stain the gel with ethidium bromide. Dilute the 10
mg/mL stock solution 1:10,000 in deionized water. Stain for 10-30 minutes
and destain for 10-30 minutes in deionized water at room temperature.
Note: Ethidium bromide is a known carcinogen. Exercise appropriate
caution and good lab practice when using this reagent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com