Electronic Components Datasheet Search
  English  ▼

X  

S7802 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # S7802
Description  CpG WIZ Prader-Willi/Angelman Amplification Kit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S7802 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button S7802 Datasheet HTML 16Page - List of Unclassifed Manufacturers S7802 Datasheet HTML 17Page - List of Unclassifed Manufacturers S7802 Datasheet HTML 18Page - List of Unclassifed Manufacturers S7802 Datasheet HTML 19Page - List of Unclassifed Manufacturers S7802 Datasheet HTML 20Page - List of Unclassifed Manufacturers S7802 Datasheet HTML 21Page - List of Unclassifed Manufacturers S7802 Datasheet HTML 22Page - List of Unclassifed Manufacturers S7802 Datasheet HTML 23Page - List of Unclassifed Manufacturers S7802 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
16
The amount of reagents required in each reaction is:
10X Universal PCR buffer
2.5 µL
2.5 mM dNTP Mix**
2.0 µL
P or M primers (white, red)
2.0 µL
"Hot start" enzyme (5 U/µL)
0.1 µL (0.5 U)
dH2O
16.4 µL
23.0 µL
Template DNA (50 ng/µL)
2.0 µL
TOTAL VOLUME
25.0 µL
** Upon first use, make aliquots of 2.5 mM dNTPs, which should be freeze-
thawed no more than 5 times.
c. Aliquot 23 µL of each "master mix" (white and red) into corresponding PCR
tubes.
d. Add:
2 µL of water to the no DNA control tube.
2 µL of modified sample DNA to each of the sample tubes.
2 µL of modified normal DNA control to each control tube.
e. Place tubes in the thermocycler block, and perform PCR under the following
conditions:
Denature:
for "hot start" enzyme check manufacturer's specifications
Then, perform 35 cycles of the following conditions:
denature
95°C / 30 seconds
anneal
62°C / 30 seconds
extend
72°C / 30 seconds
Final Extension:
72°C /10 minutes
f. Remove the tubes from the thermocycler block. From this point on, it is
important to designate separate pipettors and work areas for amplified vs.
unamplified samples. This prevents carry-over contamination of future DNA
samples with the amplified product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com