Electronic Components Datasheet Search
  English  ▼

X  

DYA3407GD Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # DYA3407GD
Description  P -Channel High Density Trench MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

DYA3407GD Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  DYA3407GD Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. DYA3407GD Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. DYA3407GD Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. DYA3407GD Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
DYA 3407GD
P -Channel High Density Trench MOSFET
●Super high dense cell trench design for low RDS(on).
●Rugged and reliable.
●Surface Mount package.
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
± 20
V
Drain Current-Continuous
a @ TA = 25 °C
b
ID
-3.7
A
IDM
-14
A
a
Drain-Source Diode Forward Current
IS
-1.9
A
Maximum Power Dissipation
a
TA=25°C
PD
1.25
W
TA=75°C
0.75
Operating Junction and Storage
Temperature Range
TJ,TSTG
- 55 to 150
°C
-Pulse
THERMAL DATA
a
Thermal Resistance,Junction-to-Ambient
RthJA
100
°C/W
Note
a. Surface Mounted on FR4 Board , t ≤ 10sec .
b. Pulse width limited by maximum junction temperature.
1of4
www.dyelec.com
version:01
PRODUCT SUMMARY
VDSS
ID
RDS(on) (mΩ) Max
-30V
- 3.7A
70 @ VGS = -10V
- 3.0A
95 @ VGS = -4.5V
D
SOT-23
D
S
G
G
S


Similar Part No. - DYA3407GD

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
DYA3400GD DYELEC-DYA3400GD Datasheet
155Kb / 4P
N-Channel High Density Trench MOSFET
More results

Similar Description - DYA3407GD

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ001SF AUK-STJ001SF Datasheet
448Kb / 8P
P-channel Trench MOSFET
STJ004SF AUK-STJ004SF Datasheet
361Kb / 8P
P-channel Trench MOSFET
STJ009 AUK-STJ009 Datasheet
337Kb / 8P
P-channel Trench MOSFET
SUF3001 AUK-SUF3001 Datasheet
338Kb / 8P
Dual P-channel Trench MOSFET
logo
Guangdong Kexin Industr...
KI8205T KEXIN-KI8205T Datasheet
47Kb / 2P
Dual N-Channel High Density Trench MOSFET
logo
DIYI Electronic Technol...
DYA3400GD DYELEC-DYA3400GD Datasheet
155Kb / 4P
N-Channel High Density Trench MOSFET
logo
First Components Intern...
FCI2301 FCI-FCI2301 Datasheet
778Kb / 5P
P-Channel High-Density Trench MOSFET
FCI2302 FCI-FCI2302 Datasheet
1Mb / 5P
N-Channel High-Density Trench MOSFET
logo
Shanghai Leiditech Elec...
LM4148 LEIDITECH-LM4148 Datasheet
697Kb / 5P
P-Channel Trench MOSFET
LM8S18P04 LEIDITECH-LM8S18P04 Datasheet
922Kb / 5P
P-Channel Trench MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com