Electronic Components Datasheet Search
  English  ▼

X  

DYA3407GD Datasheet(PDF) 4 Page - DIYI Electronic Technology Co., Ltd.

Part # DYA3407GD
Description  P -Channel High Density Trench MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

DYA3407GD Datasheet(HTML) 4 Page - DIYI Electronic Technology Co., Ltd.

  DYA3407GD Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. DYA3407GD Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. DYA3407GD Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. DYA3407GD Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TYPICAL CHARACTERISTICS
4of4
www.dyelec.com
version:01
P -Channel High Density Trench MOSFET
1
40
20
20
10
10
0.001S
0.01S
0.1
0.04
0.1
VGS=-10V
Single Pulse
TA=25ºC
0.5
1
3
0.1S
DC
10
30 50
1
0.6 0.79 0.93
1.07
1.19
1.32
1.43
-VDS , Drain-Source Voltage (V)
Figure 7. Maximum Safe Operating
Area
-VSD , Body Diode Forward Voltage (V)
Figure 1. Body Diode Forward Voltage Variation
with Source Current
-VDD
RL
D
Vout
VDS
90%
VGS
Vin
RGEN
G
S
10%
VGS
td(on) t r
t d(off) t f
Figure 9. Switching Test Circuit and Switching
Waveforms
2
1
Duty Cycle = 0.5
0.2
0.1
0.1
0.05
PDM
t1
t2
0.01
0.02
Single Pulse
1. RthJA (t)=r (t) * RthJA
2. RthJA=See Datasheet
3. TJM - TA = PDM * RthJA (t)
4. Duty Cycle, D = t1/t2
10
-4
10
-3
10
-2
10
-1
1
10
30
Square Wave Pulse Duration (sec)
Figure 10. Normalized Thermal Transient Impedance Curve
DYA 3407GD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com