Electronic Components Datasheet Search
  English  ▼

X  

SF550 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # SF550
Description  ULTRAFAST RECOVERY RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SF550 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SF550 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SF550 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. SF550 Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SF510~SF560
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0.
Flame Retardant Epoxy Molding Compound.
•
•
Low power loss, high efficiency.
• High surge capability
• Ultra fast recovery time,high voltage.
• Lead free in comply with EU RoHS.
MECHANICAL DATA
• Case: TO-220AC molded plastic
• Terminals: solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
VOLTAGE
100 to 600 Volts
CURRENT
5 Amperes
ULTRAFAST RECOVERY RECTIFIERS
PAGE . 1
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Low forward voltage, high current capability.
NOTES:
1.. Reverse
Rcovery Test Conditions: IF=0.5A, IR=1A, Irr=0.25A.
2.. Thermal resistance from Junction to ambient and from junction to lead 0.375” (9.5mm) P.C.B mounte
PARAMETER
SYMBOL
SF510
SF520
SF530
SF540
SF550
SF560 UNITS
Maximum Recurrent Peak Reverse Voltage
V
RRM
100
200
300
400
600
V
Maximum RMS Voltage
V
RMS
70
140
210
280
420
V
Maximum DC Blocking Voltage
V
DC
100
200
300
400
600
V
Maximum Average Forward Rectified Current at T
C=100
OC
F(AV)
I
5
A
Peak Forward Surge Current : 8.3ms single half sine-wave
superimposed on rated load (JEDEC method)
I
FSM
90
A
Maximum Forward Voltage at
5A
V
F
1
1.3
V
Maximum DC Reverse Current at Rated DC Blocking Voltage
T
J=25
OC
O
T
J=125 C
I
R
1
0
500
A
Maximum Thermal Resistance (Note 2)
R
JC
5
OC / W
Typical Junction Capacitance
C
J
80
50
pF
Maximum Reverse Recovery Time (Note 1)
t
rr
35
ns
Operating Junction and Storage Temperature Range
T
J,TSTG
-55 to +150
OC
500
350
500
1.7
May.28,2015-REV.01
www.
dyelec.com


Similar Part No. - SF550

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SF550 ZSELEC-SF550 Datasheet
97Kb / 2P
.0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
List of Unclassifed Man...
SF5501 ETC-SF5501 Datasheet
117Kb / 2P
401.65 MHz SAW Filter
logo
Vanlong Technology Co.,...
SF5501 VANLONG-SF5501 Datasheet
123Kb / 2P
401.65 MHz SAW Filter
SF5502 VANLONG-SF5502 Datasheet
53Kb / 2P
406.025 MHz SAW Filter
SF5503 VANLONG-SF5503 Datasheet
162Kb / 2P
418.00 MHz SAW Filter
More results

Similar Description - SF550

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF100S PANJIT-UF100S_07 Datasheet
44Kb / 2P
ULTRAFAST RECOVERY RECTIFIERS
UF150 PANJIT-UF150_04 Datasheet
51Kb / 2P
ULTRAFAST RECOVERY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
UF4001 SEMTECH_ELEC-UF4001 Datasheet
188Kb / 2P
ULTRAFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
UF1600FCT PANJIT-UF1600FCT_09 Datasheet
95Kb / 2P
ULTRAFAST RECOVERY RECTIFIERS
UF3006PT PANJIT-UF3006PT Datasheet
64Kb / 4P
ULTRAFAST RECOVERY RECTIFIERS
logo
DIYI Electronic Technol...
SF1610CT DYELEC-SF1610CT Datasheet
665Kb / 3P
ULTRAFAST RECOVERY RECTIFIERS
SF1060 DYELEC-SF1060 Datasheet
623Kb / 3P
ULTRAFAST RECOVERY RECTIFIERS
MURB510 DYELEC-MURB510 Datasheet
785Kb / 3P
ULTRAFAST RECOVERY RECTIFIERS
logo
Rectron Semiconductor
MUR20120C RECTRON-MUR20120C Datasheet
212Kb / 4P
ULTRAFAST RECOVERY RECTIFIERS
MUR6060PT RECTRON-MUR6060PT Datasheet
231Kb / 4P
ULTRAFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com