Electronic Components Datasheet Search
  English  ▼

X  

SF550 Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # SF550
Description  ULTRAFAST RECOVERY RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SF550 Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  SF550 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SF550 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. SF550 Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SF510~SF560
RATING AND CHARACTERISTIC CURVES
PAGE . 2
Fig.2 FORWARD CHARACTERISTICS
Fig.1 FORWARD CURRENT DERATING CURVE
Fig.3 PEAK FORWARD SURGE CURRENT
Fig.4 TYPICAL REVERSE CHARACTERISTICS
FORWARD VOLTAGE, VOLTS
NO. OF CYCLES AT 60Hz
O
CASE TEMPERATURE, C
10
1
0.1
0.01
.4
.6
.8
1.0
1.2
1.6
1.8
1.4
100
2.0
500V-600V
300-400V
100-200V
0
50
100
150
0
2.0
4.0
6.0
8.0
10.0
60
30
15
1
10
100
45
105
75
90
1000
100
1.0
20
40
60
80 100
120
O
J
T= 25 C
O
J
T= 125 C
1
0.1
10
40
PERCENTAGE OF PEAK REVERSE VOLTAGE,%
O
J
T= 25 C
May.28,2015-REV.01
www.
dyelec.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com