Electronic Components Datasheet Search
  English  ▼

X  

LM2750 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2750
Description  Low Noise, 5.0V Regulated Switched Capacitor Voltage Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2750 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2750 Datasheet HTML 6Page - National Semiconductor (TI) LM2750 Datasheet HTML 7Page - National Semiconductor (TI) LM2750 Datasheet HTML 8Page - National Semiconductor (TI) LM2750 Datasheet HTML 9Page - National Semiconductor (TI) LM2750 Datasheet HTML 10Page - National Semiconductor (TI) LM2750 Datasheet HTML 11Page - National Semiconductor (TI) LM2750 Datasheet HTML 12Page - National Semiconductor (TI) LM2750 Datasheet HTML 13Page - National Semiconductor (TI) LM2750 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Operation Description (Continued)
Application Information
OUTPUT VOLTAGE RIPPLE
The amount of voltage ripple on the output of the LM2750 is
highly dependent on the application conditions: output cur-
rent and the output capacitor, specifically. A simple approxi-
mation of output ripple is determined by calculating the
amount of voltage droop that occurs when the output of the
LM2750 is not being driven. This occurs during the charge
phase (
φ1). During this time, the load is driven solely by the
charge on the output capacitor. The magnitude of the ripple
thus follows the basic discharge equation for a capacitor (I =
C x dV/dt), where discharge time is one-half the switching
period, or 0.5/F
SW. Put simply,
A more thorough and accurate examination of factors that
affect ripple requires including effects of phase non-overlap
times and output capacitor equivalent series resistance
(ESR). In order for the LM2750 to operate properly, the two
phases of operation must never coincide. (If this were to
happen all switches would be closed simultaneously, short-
ing input, output, and ground). Thus, non-overlap time is built
into the clocks that control the phases. Since the output is
not being driven during the non-overlap time, this time
should be accounted for in calculating ripple. Actual output
capacitor discharge time is approximately 60% of a switch-
ing period, or 0.6/F
SW.
The ESR of the output capacitor also contributes to the
output voltage ripple, as there is effectively an AC voltage
drop across the ESR due to current switching in and out of
the capacitor. The following equation is a more complete
calculation of output ripple than presented previously, taking
into account phase non-overlap time and capacitor ESR.
A low-ESR ceramic capacitor is recommended on the output
to keep output voltage ripple low. Placing multiple capacitors
in parallel can reduce ripple significantly, both by increasing
capacitance and reducing ESR. When capacitors are in
parallel, ESR is in parallel as well. The effective net ESR is
determined according to the properties of parallel resistance.
Two identical capacitors in parallel have twice the capaci-
tance and half the ESR as compared to a single capacitor of
the same make. On a similar note, if a large-value, high-ESR
capacitor (tantalum, for example) is to be used as the pri-
mary output capacitor, the net output ESR can be signifi-
cantly reduced by placing a low-ESR ceramic capacitor in
parallel with this primary output capacitor.
CAPACITORS
The LM2750 requires 3 external capacitors for proper opera-
tion. Surface-mount multi-layer ceramic capacitors are rec-
ommended. These capacitors are small, inexpensive and
have very low equivalent series resistance (
≤10mΩ typ.).
Tantalum capacitors, OS-CON capacitors, and aluminum
electrolytic capacitors generally are not recommended for
use with the LM2750 due to their high ESR, as compared to
ceramic capacitors.
For most applications, ceramic capacitors with X7R or X5R
temperature characteristic are preferred for use with the
LM2750. These capacitors have tight capacitance tolerance
(as good as ±10%), hold their value over temperature (X7R:
±15% over -55oCto125oC; X5R: ±15% over -55oCto85oC),
and typically have little voltage coefficient. Capacitors with
Y5V and/or Z5U temperature characteristic are generally not
recommended. These types of capacitors typically have
wide capacitance tolerance (+80%, -20%), vary significantly
over temperature (Y5V: +22%, -82% over -30oCto+85oC
range; Z5U: +22%, -56% over +10oCto+85oC range), and
have poor voltage coefficients. Under some conditions, a
nominal 1µF Y5V or Z5U capacitor could have a capacitance
of only 0.1µF. Such detrimental deviation is likely to cause
these Y5V and Z5U of capacitors to fail to meet the minimum
capacitance requirements of the LM2750.
The table below lists some leading ceramic capacitor manu-
facturers.
20035123
FIGURE 2. LM2750-ADJ Typical Application Circuit
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com