Electronic Components Datasheet Search
  English  ▼

X  

LM2750 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2750
Description  Low Noise, 5.0V Regulated Switched Capacitor Voltage Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2750 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM2750 Datasheet HTML 7Page - National Semiconductor (TI) LM2750 Datasheet HTML 8Page - National Semiconductor (TI) LM2750 Datasheet HTML 9Page - National Semiconductor (TI) LM2750 Datasheet HTML 10Page - National Semiconductor (TI) LM2750 Datasheet HTML 11Page - National Semiconductor (TI) LM2750 Datasheet HTML 12Page - National Semiconductor (TI) LM2750 Datasheet HTML 13Page - National Semiconductor (TI) LM2750 Datasheet HTML 14Page - National Semiconductor (TI) LM2750 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Application Information (Continued)
LAYOUT RECOMMENDATIONS
A good board layout of the LM2750 circuit is required to
achieve optimal assembly, electical, and thermal dissipation
perfromance. Figure 4 is an example of a board layout
implementing recommended techniques. For more informa-
tion related to layout for the LLP package, refer to National
Semiconductor’s Application Note 1187: Leadless Lead-
frame Package (LLP). Below are some general guidelines
for board layout:
•
Place capacitors as close to the as possible to the
LM2750, and on the same side of the board. V
IN and
V
OUT connections are most critical: run short traces from
the LM2750 pads directly to these capacitor pads.
•
Connect the ground pins of the LM2750 and the capaci-
tors to a good ground plane. The ground plane is essen-
tial for both electrical and thermal disspation perfor-
mance.
•
For optimal thermal performance, make the ground
plane(s) as large as possible. Connect the die-attach pad
(DAP) of the LM2750 to the ground plane(s) with wide
traces and/or multiple vias. Top-layer ground planes are
most effective in increasing the thermal dissipation capa-
bility of the LLP package. Large internal ground planes
are also very effective in keeping the die temperature of
the LM2750 within operating ratings.
20035110
FIGURE 3. LM2750 Model for Power Efficiency and
Power Dissipation Calculations
20035126
FIGURE 4. LM2750-5.0 Recommended Layout
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com