Electronic Components Datasheet Search
  English  ▼

X  

LM2792 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2792
Description  Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2792 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2792 Datasheet HTML 1Page - National Semiconductor (TI) LM2792 Datasheet HTML 2Page - National Semiconductor (TI) LM2792 Datasheet HTML 3Page - National Semiconductor (TI) LM2792 Datasheet HTML 4Page - National Semiconductor (TI) LM2792 Datasheet HTML 5Page - National Semiconductor (TI) LM2792 Datasheet HTML 6Page - National Semiconductor (TI) LM2792 Datasheet HTML 7Page - National Semiconductor (TI) LM2792 Datasheet HTML 8Page - National Semiconductor (TI) LM2792 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Pin Description
Pin
Name
Function
1
BRGT
Variable voltage input controls output current.
2P
OUT
Charge pump output.
3
C1−
Connect this pin to the negative terminal of C1.
4
C1+
Connect this pin to the positive terminal of C1.
5
D2
Current source outputs. Connect directly to LED.
6
D1
Current source outputs. Connect directly to LED.
7
GND
Power supply ground input.
8V
IN
Power supply voltage input.
9
SD/SD
Shutdown input. Device operation is inhibited when pin is asserted.
10
I
SET
Current Sense Input. Connect resistor to ground to set constant current through LED.
Block Diagram
20024202
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com