Electronic Components Datasheet Search
  English  ▼

X  

LM2792 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2792
Description  Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2792 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2792 Datasheet HTML 2Page - National Semiconductor (TI) LM2792 Datasheet HTML 3Page - National Semiconductor (TI) LM2792 Datasheet HTML 4Page - National Semiconductor (TI) LM2792 Datasheet HTML 5Page - National Semiconductor (TI) LM2792 Datasheet HTML 6Page - National Semiconductor (TI) LM2792 Datasheet HTML 7Page - National Semiconductor (TI) LM2792 Datasheet HTML 8Page - National Semiconductor (TI) LM2792 Datasheet HTML 9Page - National Semiconductor (TI) LM2792 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Application Information (Continued)
be used for most applications or a surface mount diode such
as BAT54-series and MA2J704 can be used to reduce the
circuit size.Table 2 below lists suggested schottky diode
manufactures.
TABLE 2. Diode Manufactures
Manufacturer
Contact
website
ON
Semiconductor
(800) 344
3860
www.onsemi.com
Phillips
Semiconductors
(800) 234
7381
www.philipssemi-
conductor.com
Panasonic
Semiconductors
(408) 945
5622
www.panasonic.com
LED SELECTION
The LM2792 is designed to drive LEDs with a forward volt-
age of about 3.0V to 4.0V or higher. The typical and maxi-
mum V
F depends highly on the manufacturer and their tech-
nology. Table 3 lists two suggested manufactures and
example part numbers. Each supplier makes many LEDs
that work well with the LM2792. The LEDs suggested below
are in a surface mount package and TOPLED or SIDEVIEW
configuration with a maximum forward current of 20mA.
These diodes also come in SIDELED or SIDEVIEW configu-
ration and various chromaticity groups. For applications that
demand color and brigthness matching, care must be taken
to select LEDs from the same chromaticity group. Forward
current matching is assured over the LED process variations
due to the constant current output of the LM2792. For best fit
selection for an application, consult the manufacturer for
detailed information.
TABLE 3. White LED Selection:
Component
Manufacture Contact
LWT673/LWT67C
Osram
www.osram-os.com
NSCW100/NSCW215 Nichia
www.nichia.com
I
SETPIN
An external resistor, R
SET, sets the mirror current that is
required to provide a constant current through the LEDs. The
current through R
SET and the LED is set by the internal
current mirror circuitry with a ratio of 25:1 The currents
through each LED are matched within 0.3%. R
SET should be
chosen not to exceed the maximum current delivery capa-
bility of the device. Table 3 shows a list of R
SET values when
maximun BRGT=3V is applied. For other BRGT voltages,
R
SET can be calculated using this formula:
R
SET = ((0.42*BRGT) / ISET)*25
TABLE 4. R
SETSelections ( when BRGT pin = 3V
maximum)
I
LED per LED
R
SET
15mA
2.1K
Ω
10mA
3.15K
Ω
5mA
6.3K
Ω
BRGT PIN
The BRGT pin can be used to smoothly vary the brightness
of the LEDs. In the LM2792, current on BRGT is connected
to an internal resistor divider which gives a factor of 0.42
(see Figure 1) . This voltage is fed to the operational ampli-
fier that controls the current through the mirror resistor R
SET.
The nominal range on BRGT is 0V to 3V.
This means some current must be provided on the BRGT pin
or no current will flow through the LEDs. The LM2792 can
provide an infinite ratio, from fully off (essentially zero cur-
rent) to the maximum current set by the R
SET resistor. Care
must be taken to prevent voltages on BRGT that cause LED
current to exceed a total of 34mA. Although this will not
cause damage to the IC, it will not meet the guaranteed
specifications listed in the Electrical Characteristics.
Calculation of LED Current When Using BRGT :
V
IN = 3.6V
R
SET = 1800
Ω
I
SET = ((VBRGT * (0.42) / RSET )* 25
I
SET = ((2.75*(0.42)) / 1800 )*25 = 16mA
Note that making V
BRGT = 0V results in ISET
∼ = 0mA
BRIGHTNESS CONTROL USING PWM
Brigthness control can be implemented by pulsing a signal at
the SD pin. The recommended signal should be between
100Hz to 1kHz. If the operating PWM frequency is much less
than 100Hz, flicker may be seen in the LEDs. Likewise, if
frequency is much higher, brightness in the LEDs will not be
linear. When a PWM signal is used to drive the SD pin of the
LM2792, connect BRGT pin to a maximun of 3V to ensure
the widest range. Similarly, the voltage at the BRGT pin can
be set higher than 3V without damage to the IC, it will not
increase the brigthness of the LED significantly. R
SET value
is selected using the above I
SET equation as if BRGT pin is
used. The brigthness is controlled by increasing and de-
creasing the duty cycle of the PWM. Zero duty cycle will turn
off the brigthness and a 50% duty cycle waveform produces
an average current of 7.5mA if R
SET is set to produce a
maximum LED current of 15mA. So the LED current varies
linearly with the duty cycle.
PARALLEL DX OUTPUTS FOR INCREASED CURRENT
DRIVE
Outputs D1 and D2 may be connected together to drive a
single LED. In such a configuration, two parallel current
sources of equal value drive the single LED. R
SET and
V
BRGT should be chosen so that the current through each of
the outputs is programmed to 50% of the total desired LED
current. For example, if 30mA is the desired drive current for
the single LED, R
SET and VBRGT should be selected so that
the current through each of the outputs is 15mA. Connecting
the outputs in parallel does not affect internal operation of
the LM2792 and has no impact on the Electrical Character-
istics and limits previously presented. The available Dx out-
put current, maximum Dx voltage, and all other specifica-
tions provided in the Electrical Characteristics table apply to
this parallel output configuration, just as they do to the
standard 2-LED application circuit.
THERMAL PROTECTION
The LM2792 has internal thermal protection circuitry to dis-
able the charge pump if the junction temperature exceeds
150˚C. This feature will protect the device from damage due
to excessive power dissipation. The device will recover and
operate normally when the junction temperature falls below
the maximum operating junction temperature of 100˚C. It is
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com