Electronic Components Datasheet Search
  English  ▼

X  

150 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 150
Description  Limiting continuous current 130A at 85째C
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

150 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  150 Datasheet HTML 1Page - TE Connectivity Ltd 150 Datasheet HTML 2Page - TE Connectivity Ltd 150 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
03-2014, Rev. 0314
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Datasheets and product specification ac-
cording to IEC 61810-1 and to be used only
together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
High Current Relay 150 (Continued)
Automotive Relays
High Current Devices
Other Data (continued)
Terminal type
screw
Cover retention
pull force
500N
push force
500N
Terminal retention
pull force
150N
push force
150N
resistance to bending
20N
force applied to side
20N
torque
5Nm
Weight
approx. 220g (7.8oz)
Packaging unit
50 pcs.
2) No change in the switching state >10µs.
Other Data
EU RoHS/ELV compliance
compliant
Ambient temperature
-40°C to +125°C
Dry heat, IEC 60068-2-2
500h at 100°C
Damp heat constant,
IEC 60068-2-3 (78), Ca
500h, 40°C, 93% RH
Degree of protection
dustproof:
IP54 (IEC 60529), RT I (IEC 61810)
sealed:
sealing in accordance with IEC 68
immersion cleanable:
IP67 (IEC 60529), RT III (IEC 61810)
Corrosive gas
IEC 60068-2-42
10 days
IEC 60068-2-43
10 days
Vibration resistance (functional)
IEC 60068-2-6 (sine sweep)
10 to 200Hz >5g2)
Shock resistance (functional)
IEC 60068-2-27 (half sine)
6ms >20g2)
Drop test, free fall
IEC 60068-2-32
1m onto concrete
NOR
1 form A, 1 NO with resistor
Terminal Assignment
54
3
1
2
5
3
1
2
55b
1
2
COR
1 form C, 1 CO with resistor
NOBRR
1 form X, 1 NO DM with resistor
Dimensions
NO and NO DM version
View of the terminals
Bottom view
*) Alternatively 5b for form X, 1 NO DM with resistor.
Connector Information
AMP SUPERSEAL 1.5 SERIES
Coil side
- Receptacle connector 282080-1
- Single wire seal 281934-2
- Contact 282110-1
Load side
Cable lug M6, maximum cable section 25 mm²
TE1666-X1
Screw terminals M6
Connector
2-pole
7.5 x 6.5
13.5
63
84
40
45
17
65.2
71
Ø 6.5
TE1666-X1
Screw terminals M6
Connector
2-pole
7.5 x 6.5
13.5
63
84
40
45
17
65.2
71
Ø 6.5
TE1667-61
15.5
*)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com