Electronic Components Datasheet Search
  English  ▼

X  

150 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 150
Description  Limiting continuous current 130A at 85째C
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

150 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  150 Datasheet HTML 1Page - TE Connectivity Ltd 150 Datasheet HTML 2Page - TE Connectivity Ltd 150 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
03-2014, Rev. 0314
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Datasheets and product specification ac-
cording to IEC 61810-1 and to be used only
together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
High Current Relay 150 (Continued)
Automotive Relays
High Current Devices
Dimensions
CO version
2 pole tab connector
TE AMP MCP 1.2
Load terminals
Screw M6
Max. torsion of
screw bolts: 5Nm
132CO_DD1
Product code structure
Typical product code
V23132
-A2
001
-A
2
00
Type
V23132 High Current Relay 150
Contact arrangement
A2
1 form A, 1 NO
D2
1 form B, 1 NC
B2
1 form X, 1 NO DM
E2
1 form C, 1 CO
Coil
001
12VDC
002
24VDC
Protection class
A
IP54
B
IP67
Contact material
2
AgSnO2
Standard version
00
Standard
Product code
Arrangement
Coil
Circuit Coil suppr. Protect. Contact mat. Terminals Part number
V23132-A2001-A200
1 form A, 1 NO
12VDC
NOR
Resistor
IP54
AgSnO2
Screw
1393315-2
V23132-A2001-A200-EV-USBX*)
7-1414968-8*)
V23132-A2001-B200
IP67
1416010-1
V23132-A2001-B200-EV-USBX*)
2-1414939-2*)
V23132-B2002-A200
1 form X, 1 NO DM 24VDC
NOBRR
IP54
1393315-9
V23132-B2002-B200
IP67
1-1393315-1
V23132-B2002-B200-EV-USBX*)
5-1414968-1*)
V23132-D2001-B200
1 form B, 1 NC
12VDC
NCR
on request
V23132-E2001-A200
1 form C, 1 CO
12VDC
COR
IP54
9-1415001-5
Other types on request.
This list represents the most common types and does not show all variants covered by this datasheet.
*) Americas market only.
View of the terminals
Bottom view



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com