Electronic Components Datasheet Search
  English  ▼

X  

M95M02-DR Datasheet(PDF) 1 Page - STMicroelectronics

Part # M95M02-DR
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DR Datasheet(HTML) 1 Page - STMicroelectronics

  M95M02-DR Datasheet HTML 1Page - STMicroelectronics M95M02-DR Datasheet HTML 2Page - STMicroelectronics M95M02-DR Datasheet HTML 3Page - STMicroelectronics M95M02-DR Datasheet HTML 4Page - STMicroelectronics M95M02-DR Datasheet HTML 5Page - STMicroelectronics M95M02-DR Datasheet HTML 6Page - STMicroelectronics M95M02-DR Datasheet HTML 7Page - STMicroelectronics M95M02-DR Datasheet HTML 8Page - STMicroelectronics M95M02-DR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
This is information on a product in full production.
June 2015
DocID18203 Rev 10
1/45
M95M02-DR
2-Mbit serial SPI bus EEPROM
Datasheet
- production data
Features
• Compatible with the Serial Peripheral Interface
(SPI) bus
• Memory array
– 2 Mb (256 Kbytes) of EEPROM
– Page size: 256 bytes
• Write
– Byte Write within 10 ms
– Page Write within 10 ms
• Additional Write lockable page (Identification
page)
• Write Protect: quarter, half or whole memory
array
• Clock frequency: 5 MHz
• Single supply voltage: 1.8 V to 5.5 V
• Operating temperature range: from -40°C up to
+85°C
• Enhanced ESD protection
• More than 4 million Write cycles
• More than 200-year data retention
• Packages:
–SO8 (ECOPACK2®)
–WLCSP (ECOPACK2®)
SO8N (MN)
150 mil width
WLCSP (CS)
www.st.com


Similar Part No. - M95M02-DR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95M02-DR STMICROELECTRONICS-M95M02-DR Datasheet
952Kb / 45P
2-Mbit serial SPI bus EEPROM
28-Aug-2019
M95M02-DRCS5G/K STMICROELECTRONICS-M95M02-DRCS5G/K Datasheet
952Kb / 45P
2-Mbit serial SPI bus EEPROM
28-Aug-2019
M95M02-DRCS5G/KF STMICROELECTRONICS-M95M02-DRCS5G/KF Datasheet
952Kb / 45P
2-Mbit serial SPI bus EEPROM
28-Aug-2019
M95M02-DRCS5P/K STMICROELECTRONICS-M95M02-DRCS5P/K Datasheet
952Kb / 45P
2-Mbit serial SPI bus EEPROM
28-Aug-2019
M95M02-DRCS5P/KF STMICROELECTRONICS-M95M02-DRCS5P/KF Datasheet
952Kb / 45P
2-Mbit serial SPI bus EEPROM
28-Aug-2019
More results

Similar Description - M95M02-DR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024 Datasheet
591Kb / 30P
1 Mbit SPI Bus Serial EEPROM
2007
25AA1024 MICROCHIP-25AA1024_10 Datasheet
561Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25AA1024_1005 MICROCHIP-25AA1024_1005 Datasheet
561Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25LC1024-ESM MICROCHIP-25LC1024-ESM Datasheet
705Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M95M02-DRMN6TP STMICROELECTRONICS-M95M02-DRMN6TP Datasheet
1Mb / 41P
2-Mbit serial SPI bus EEPROM
13-Mar-2013
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024_15 Datasheet
496Kb / 36P
1 Mbit SPI Bus Serial EEPROM
01/27/15
logo
STMicroelectronics
M95M02-A125 STMICROELECTRONICS-M95M02-A125 Datasheet
712Kb / 39P
Automotive 2 Mbit serial SPI bus EEPROM
July 2015 Rev 5
M95M01-DF STMICROELECTRONICS-M95M01-DF Datasheet
878Kb / 51P
1-Mbit serial SPI bus EEPROM
21-Feb-2017
M95M04-DR STMICROELECTRONICS-M95M04-DR Datasheet
843Kb / 46P
4-Mbit serial SPI bus EEPROM
October 2019 Rev 1
M95M02-DR STMICROELECTRONICS-M95M02-DR_V01 Datasheet
952Kb / 45P
2-Mbit serial SPI bus EEPROM
28-Aug-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com