Electronic Components Datasheet Search
  English  ▼

X  

M95M02-DR Datasheet(PDF) 41 Page - STMicroelectronics

Part # M95M02-DR
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DR Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M95M02-DR Datasheet HTML 37Page - STMicroelectronics M95M02-DR Datasheet HTML 38Page - STMicroelectronics M95M02-DR Datasheet HTML 39Page - STMicroelectronics M95M02-DR Datasheet HTML 40Page - STMicroelectronics M95M02-DR Datasheet HTML 41Page - STMicroelectronics M95M02-DR Datasheet HTML 42Page - STMicroelectronics M95M02-DR Datasheet HTML 43Page - STMicroelectronics M95M02-DR Datasheet HTML 44Page - STMicroelectronics M95M02-DR Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
DocID18203 Rev 10
41/45
M95M02-DR
Part numbering
44
11
Part numbering
Table 18. Ordering information scheme
Example:
M95M02-D
R MN
6 T
P /K
Device type
M95 = SPI serial access EEPROM
Device function
M02-D = 2048 Kbit plus Identification page
Operating voltage
R = VCC = 1.8 to 5.5 V
Package(1)
1. All packages are ECOPACK2® (RoHS-compliant and free of brominated, chlorinated and antimony-oxide
flame retardants).
MN = SO8 (150 mil width)
CS = standard WLCSP
Device grade
6 = Industrial temperature range, –40 to 85 °C
Device tested with standard test flow
Option
T = Tape and reel packing
blank = tube packing
Plating technology
P = RoHS compliant and halogen-free (ECOPACK2®)
Process(2)
2. The process letters apply to WLCSP devices only. The process letters appear on the device package
(marking) and on the shipment box. Please contact your nearest ST Sales Office for further information.
/K = Manufacturing technology code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com