Electronic Components Datasheet Search
  English  ▼

X  

K2000S Datasheet(PDF) 3 Page - Teccor Electronics

Part # K2000S
Description  silicon bilateral voltage triggered switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

K2000S Datasheet(HTML) 3 Page - Teccor Electronics

  K2000S Datasheet HTML 1Page - Teccor Electronics K2000S Datasheet HTML 2Page - Teccor Electronics K2000S Datasheet HTML 3Page - Teccor Electronics K2000S Datasheet HTML 4Page - Teccor Electronics K2000S Datasheet HTML 5Page - Teccor Electronics K2000S Datasheet HTML 6Page - Teccor Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SIDAC
Teccor Electronics
9-3
SIDAC
(972) 580-7777
V-I Characteristics
Figure 9.1
Peak Surge Current vs Surge Current Duration
IH
VTM
ITSM
RS
dVq/dt
dv/dt
di/dt
Dynamic
Holding Current
50/60Hz
Sine Wave
R = 100
Ω
(3) (4)
mAmps
Peak
On-State
Voltage
IT = 1 Amp
Volts
Max
Peak One
Cycle Surge
Current
50/60Hz Sine Wave
(Non-Repetitive)
(5)
Amps
Switching
Resistance
50/60Hz Sine Wave
(9)
k
Ω
Critical
Rate-of-Rise
of Turn-off
Voltage at
8kHz
Volts/
µSec
Critical
Rate-of-Rise
of Off-State
Voltage at
Rated VDRM
TJ ≤ 100°C
Volts/
µSec
Critical
Rate-of-Rise
of On-State
Current
Amps/
µSec
Package
60Hz
50Hz
TYP
MAX
E
G
F
S
MIN
MIN
MIN
TYP
60
150
1.5
1.5
1.5
20
16.7
0.1
20
1500
150
60
150
1.5
1.5
1.5
20
16.7
0.1
20
1500
150
60
150
1.5
1.5
1.5
20
16.7
0.1
20
1500
150
60
150
1.5
1.5
1.5
20
16.7
0.1
20
1500
150
60
150
1.5
1.5
1.5
20
16.7
0.1
20
1500
150
60
150
1.5
1.5
1.5
20
16.7
0.1
20
1500
150
60
150
1.5
1.5
3.0
1.5
20
16.7
0.1
20
1500
150
60
150
1.5
1.5
3.0
1.5
20
16.7
0.1
20
1500
150
60
150
1.5
1.5
3.0
1.5
20
16.7
0.1
20
1500
150
60
150
3.0
20
16.7
2.0
42
1500
150
60
150
1.5
1.5
3.0
1.5
20
16.7
0.1
20
1500
150
60
150
3.0
20
16.7
0.1
20
1500
150
R
S
V
BO
V
S
–
()
I
S
I
BO
–
()
--------------------------------
=
THERMAL RESISTANCE (STEADY STATE)
RθJC [RθJA] °C/W (TYPICAL)
EG
F (6)
S
35 [95]
18 [75]
7 [45]
30 [85]
1.0
10
100
1000
1.0
2.0
4.0
6.0
8.0
10
20
40
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS ON-STATE CURRENT: IT RMS Maximum Rated
Value at Specified Junction Temperature
BLOCKING CAPABILITY MAY BE LOST
DURING AND IMMEDIATELY
FOLLOWING SURGE CURRENT
INTERVAL
OVERLOAD MAY NOT BE REPEATED
UNTIL JUNCTION TEMPERATURE
HAS RETURNED TO STEADY-STATE
RATED VALUE.
Surge Current Duration - Full Cycles
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com