Electronic Components Datasheet Search
  English  ▼

X  

K2000S Datasheet(PDF) 4 Page - Teccor Electronics

Part # K2000S
Description  silicon bilateral voltage triggered switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

K2000S Datasheet(HTML) 4 Page - Teccor Electronics

  K2000S Datasheet HTML 1Page - Teccor Electronics K2000S Datasheet HTML 2Page - Teccor Electronics K2000S Datasheet HTML 3Page - Teccor Electronics K2000S Datasheet HTML 4Page - Teccor Electronics K2000S Datasheet HTML 5Page - Teccor Electronics K2000S Datasheet HTML 6Page - Teccor Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Electrical Specifications
SIDAC
9-4
Teccor Electronics
(972) 580-7777
Figure 9.2
Normalized DC Holding Current vs Case/Lead Temperature
Figure 9.3
Typical Metal Halide Ignitor Circuit
Figure 9.4
Repetitive Peak On-State Current (ITRM) vs Pulse Width at
Various Frequencies
Figure 9.5
Maximum Allowable Ambient Temperature vs On-State
Current
Figure 9.6
Normalized VBO Change vs Junction Temperature
Figure 9.7
Normalized Repetitive Peak Breakover Current vs Junction
Temperature
0
.5
1.0
2.0
1.5
-15
-40
+25
+65
+105
+125
Case Temperature (TC) -
˚C
BALLAST
K2401F1
220V/240V
50/60Hz
Typical Metal Halide Ignitor Circuit
METAL
HALIDE
LAMP
H.V.
STEP-UP
TRANSFORMER
5.6K - 8.2K
5W
5 - 6µH
0.1 - 0.15 µF
0.22 - 0.33 µF
di/dt Limit Line
0.6
0.8
4
2
4
6
8
10
20
40
60
80
100
200
400
600
2 x 10-3
68
1 x 10-2
24
6 8
1 x 10-1
24 6 8 1
1
Pulse base width (to) - mSec.
VBO Firing
Current
Waveform
Non-Repeated
Repetition
Frequency
f=5
Hz
f=10
Hz
f=100
Hz
f=1
kHz
f=5
kHz
f=10
kHz
f=20
kHz
T
J
=125ºC Max
to
ITRM
l/f
Non-Repeated
Non-Repeated
0
0.2
0.4
0.6
0.8
1.0
20
40
60
80
100
120
140
25
RMS On-State Current [IT(RMS)] - Amps
CURRENT WAVEFORM: Sinusoidal - 60 Hz
LOAD: Resistive or Inductive
FREE AIR RATING
TO-202
TYPE
1
TO-92
and
DO-214
TO-202
TYPE
23
&
41
-12
-20
0
+20
+40
+60
+80
+100
+120
-10
-8
-6
-4
-2
0
+2
+4
-40
+25
Junction Temperature (TJ) - ˚C
+140
20
30
40
50
60
80
70
90
100
110 120
1
2
3
4
5
6
7
8
9
Junction Temperature (TJ) - ˚C
V=VBO
130



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com