Electronic Components Datasheet Search
  English  ▼

X  

TX5000 Datasheet(PDF) 4 Page - RF Monolithics, Inc

Part # TX5000
Description  433.92 MHz Hybrid Transmitter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

TX5000 Datasheet(HTML) 4 Page - RF Monolithics, Inc

  TX5000 Datasheet HTML 1Page - RF Monolithics, Inc TX5000 Datasheet HTML 2Page - RF Monolithics, Inc TX5000 Datasheet HTML 3Page - RF Monolithics, Inc TX5000 Datasheet HTML 4Page - RF Monolithics, Inc TX5000 Datasheet HTML 5Page - RF Monolithics, Inc TX5000 Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
The transmitter RF output power is proportional to the input current
to the TXMOD pin. A series resistor is used to adjust the peak trans-
mitter output power. 0 dBm of output power requires about 250 µA
of input current.
Transmitter Mode Control
The three transmitter operating modes – transmit ASK, transmit
OOK, and power-down (sleep), are controlled by the Modulation &
Bias Control function, and are selected with the CNTRL1 and
CNTRL0 control pins. Setting CNTRL1 high and CNTRL0 low place
the unit in the ASK transmit mode. Setting CNTRL1 low and
CNTRL0 high place the unit in the OOK transmit mode. Setting
CNTRL1 and CNTRL0 both low place the unit in the power-down
mode. (Note that the resistor driving TXMOD must also be low in the
power-down mode to minimize power-down current.) CNTRL1 and
CNTRL0 are CMOS compatible inputs. These inputs must be held
at a logic level; they cannot be left unconnected.
Turn-On Timing
The maximum time required for either the OOK or ASK transmitter
mode to become operational is 5 ms after the supply voltage
reaches 2.2 Vdc. The total turn-on time to stable transmitter opera-
tion for a 10 ms power supply rise time is 15 ms.
Sleep and Wake-Up Timing
The maximum transition time from either transmit mode to the sleep
mode (tTOS and tTAS) is 15 µs after CNTRL1 and CNTRL0 are both
low (1 µs fall time).
The maximum time required to switch from the sleep mode to either
transmit mode (tSTO and tSTA) is 21 µs. Most of this time is due to the
start-up of the transmitter oscillator.
3
4
5
6
7
9
11
12
13
14
15
16
17
19
Tr a n s m i t t e r P i n O u t
RF I O
8
2
10
20
1
18
NC
NC
NC
NC
NC
NC
NC
NC
TX M O D
N C
NC
NC
G ND1
VC C 1
G ND2
VC C 2
G ND3
CNT R L 0
CNT R L 1
S M - 20L P ackag e D r aw i n g
0. 08"
( 2 . 03)
0. 125"
(3 . 2 0 )
0. 02"
(0 . 5 1 )
0. 04"
(1 . 0 2 )
0. 13"
( 3 . 30)
0. 43"
( 10. 9)
0. 38"
( 9 . 65)
0. 075"
(1 . 9 0 )
0. 000
.0 7 7 5
.1 0 25
.1 1 7 5
.1 5 7 5
.1 9 7 5
.23 7 5
.27 7 5
.3 1 7 5
.3 5 7 5
.3 8 25
.4 6 0 0
D i m e ns i o ns i n i n c hes
S M - 20 L P C B P a d L a y o u t



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com