Electronic Components Datasheet Search
  English  ▼

X  

TX5000 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # TX5000
Description  433.92 MHz Hybrid Transmitter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

TX5000 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  TX5000 Datasheet HTML 1Page - RF Monolithics, Inc TX5000 Datasheet HTML 2Page - RF Monolithics, Inc TX5000 Datasheet HTML 3Page - RF Monolithics, Inc TX5000 Datasheet HTML 4Page - RF Monolithics, Inc TX5000 Datasheet HTML 5Page - RF Monolithics, Inc TX5000 Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
®
Rating
Value
Units
Power Supply and All Input/Output Pins
-0.3 to +4.0
V
Non-Operating Case Temperature
-50 to +100
oC
Soldering Temperature (10 seconds)
250
oC
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Operating Frequency
fO
433.72
434.12
MHz
Modulation Types
OOK & ASK
OOK Data Rate
10
kbps
ASK Data Rate
115.2
kbps
Transmitter Performance
Peak RF Output Power, 250 µA TXMOD Current
PO
0
dBm
Peak Current, 250 µA TXMOD Current
ITP
7.5
mA
OOK Turn On/Turn Off Times
tON/tOFF
20/15
µs
ASK Output Rise/Fall Times
tTR/tTF
1.1/1.1
µs
2nd -4th Harmonic Outputs
-50
dBm
5th -10th Harmonic Outputs
-55
dBm
Non-harmonic Spurious Outputs
-50
dBm
Sleep Mode Current
IS
0.7
µA
Sleep to Transmit Switch Time
tTOR
21
µs
Transmit to Sleep Switch Time
tRTO
15
µs
Control Input Logic Low Level
200
mV
Control Input Logic High Level
1
Vcc - 300
mV
Power Supply Voltage Range
VCC
2.2
3.7
Vdc
Operating Ambient Temperature
TA
-40
+85
oC
Electrical Characteristics
Absolute Maximum Ratings
· Designed for Short-Range Wireless Data Communications
· Supports RF Data Transmission Rates Up to 115.2 kbps
· 3 V, Low Current Operation plus Sleep Mode
· Stable, Easy to Use, Low External Parts Count
TX5000
433.92 MHz
Hybrid
Transmitter
The TX5000 hybrid transmitter is ideal for short-range wireless data applications
where robust operation, small size, low power consumption and low cost are required.
All critical RF functions are contained in the hybrid, simplifying and speeding design-
in. The TX5000 includes provisions for both on-off keyed (OOK) and amplitude-shift
keyed (ASK) modulation. The TX5000 employs SAW filtering to suppress output har-
monics, facilitating compliance with ETSI I-ETS 300 220 and similar regulations.


Similar Part No. - TX5000

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TX5000 MURATA-TX5000 Datasheet
204Kb / 6P
RFM products are now Murata products
More results

Similar Description - TX5000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TXD1 ETC-TXD1 Datasheet
99Kb / 3P
433.92/868.35 MHz Hybrid Transmitter
logo
RF Monolithics, Inc
RX5000 RFM-RX5000 Datasheet
103Kb / 11P
433.92 MHz Hybrid Receiver
RX5500 RFM-RX5500 Datasheet
89Kb / 10P
433.92 MHz Hybrid Receiver
TR3100 RFM-TR3100 Datasheet
107Kb / 12P
433.92 MHz Hybrid Transceiver
DR4100 RFM-DR4100 Datasheet
111Kb / 2P
433.92 MHz Transmitter Module
TR3000 RFM-TR3000 Datasheet
86Kb / 12P
433.92 MHz Hybrid Transceiver
TR7000 RFM-TR7000 Datasheet
145Kb / 14P
433.92 MHz Hybrid Transceiver
logo
Murata Manufacturing Co...
TR7000 MURATA-TR7000 Datasheet
357Kb / 15P
433.92 MHz Hybrid Transceiver
TR3100 MURATA-TR3100 Datasheet
408Kb / 12P
433.92 MHz Hybrid Transceiver
DR4100 MURATA-DR4100 Datasheet
308Kb / 2P
433.92 MHz Transmitter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com