Electronic Components Datasheet Search
  English  ▼

X  

MBRF2040CTD Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # MBRF2040CTD
Description  20 AMPERES SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

MBRF2040CTD Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  MBRF2040CTD Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. MBRF2040CTD Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. MBRF2040CTD Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
MBR
F2040CTD~MBRF20200CTD
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0.
Flame Retardant Epoxy Molding Compound.
• Metal silicon junction, majority carrier conduction
• Low power loss, high efficiency.
• High current capability
• For use in low voltage, high frequency inverters
free wheeling, and polarlity protection applications.
• Lead free in comply with EU RoHS
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MECHANICAL DATA
• Case: ITO-220AB molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Mounting Position: Any
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S
S
T
I
N
U
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
rr
u
c
e
R
m
u
m
ix
a
MV
M
R
R
0
45
40
50
60
80
90
0
10
5
10
0
2V
e
g
a
tl
o
V
S
M
R
m
u
m
ix
a
MV
S
M
R
8
25
.
1
35
32
46
53
60
75
0
10
4
1V
e
g
a
tl
o
V
g
n
ik
c
ol
B
C
D
m
u
m
ix
a
MV
C
D
0
45
40
50
60
80
90
0
10
5
10
0
2V
)
1
.
g
if
e
e
S
(
t
n
e
rr
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
ix
a
MI
(
F)
V
A
0
2A
-
e
n
is
fl
a
h
el
g
n
is
s
m
3
.
8
:
t
n
e
rr
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
ol
d
e
t
a
r
n
o
d
e
s
o
p
m
ir
e
p
u
s
e
v
a
w
I
M
S
F
g
el
r
e
p
,
A
0
1
t
a
e
g
a
tl
o
V
d
r
a
w
r
o
F
m
u
m
ix
a
MV
F
7
.
0
T
t
n
e
rr
u
C
e
s
r
e
v
e
R
C
D
m
u
m
ix
a
M
J
5
2
=
O
C
T
e
g
a
tl
o
V
g
n
ik
c
ol
B
C
D
d
e
t
a
R
t
a
J
5
2
1
=
O
C
I
R
0.05
0
2
A
m
e
c
n
a
t
si
s
e
R
l
a
m
r
e
h
T
l
a
ci
p
y
TR
θ C
J
2
O
/
C W
d
n
a
n
o
it
c
n
u
J
g
n
it
a
r
e
p
Oe
g
a
r
o
t
Se
g
n
a
R
e
r
u
t
a
r
e
p
m
e
TT
J T
,
G
T
S
-50 to + 150
-55 to +175
O
C
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
VOLTAGE
40 to 200 Volts
CURRENT
20 Amperes
Apr,2014-REV.02
ITO-220AB
0.85
0.92
150
A
V
MBRF
2040CTD
MBRF
2045CTD
MBRF
2050CTD
MBRF
2060CTD
MBRF
2090CTD
MBRF
20100CTD
MBRF
20150CTD
MBRF
20200CTD
MBRF
2080CTD
0.8
0.02
20
www.
dyelec.com


Similar Part No. - MBRF2040CTD

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRF2040CT MCC-MBRF2040CT Datasheet
386Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Diotech Company.
MBRF2040CT DIOTECH-MBRF2040CT Datasheet
1,022Kb / 2P
SCHOTTKY BARRIER RECTIFIER
MBRF2040CT DIOTECH-MBRF2040CT Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Rugao Dachang Electroni...
MBRF2040CT DACHANG-MBRF2040CT Datasheet
135Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 20A
logo
Shenzhen Luguang Electr...
MBRF2040CT LUGUANG-MBRF2040CT Datasheet
261Kb / 2P
Schottky Barrier Rectifiers
More results

Similar Description - MBRF2040CTD

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR2020CT PANJIT-MBR2020CT Datasheet
45Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040CT PANJIT-MBR2040CT Datasheet
87Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040FCT PANJIT-MBR2040FCT Datasheet
94Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040DC-AU PANJIT-MBR2040DC-AU Datasheet
232Kb / 5P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBR20100CTL DYELEC-MBR20100CTL Datasheet
1Mb / 3P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBRF20100CT DYELEC-MBRF20100CT Datasheet
1Mb / 3P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR2040CT PANJIT-MBR2040CT_16 Datasheet
275Kb / 4P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040DC PANJIT-MBR2040DC_16 Datasheet
197Kb / 5P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040DC-AU PANJIT-MBR2040DC-AU_16 Datasheet
195Kb / 5P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040FCT PANJIT-MBR2040FCT_16 Datasheet
268Kb / 4P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com