Electronic Components Datasheet Search
  English  ▼

X  

MBRF2040CTD Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # MBRF2040CTD
Description  20 AMPERES SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

MBRF2040CTD Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  MBRF2040CTD Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. MBRF2040CTD Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. MBRF2040CTD Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
MBR
F2040CTD~MBRF20200CTD
Fig.2- MAXIMUM NON - REPETITIVE SURGE
CURRENT
240
210
180
150
120
90
60
30
0
12
5
10
20
50
100
8.3ms Single
Half Since-Wave
JEDEC Method
NO. OF CYCLE AT 60Hz
Fig.4- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.4 0.5 0.6 0.7 0.8 0.9 1.0
40
10
8
6
4
2
1.0
0.8
0.6
0.4
0.2
0.1
T= 25 C
Pulse Width = 300 s
1% Duty Cycle
J
O
u
150-200V
40-45V
80-100V
50-60V
FORWARD VOLTAGE, VOLTS
1.1
Fig.3- TYPICAL REVERSE CHARACTERISTICS
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
120
140
10
1.0
0.1
0.01
0.001
0
20406080
100
T =100 C
J
O
T=
J
75 C
O
T=
J
25 C
O
RATING AND CHARACTERISTIC CURVES
20.0
16.0
= 4 0 -
100V
=
150 - 200 V
12.0
8.0
4.0
RESISTIVE OR
INDUCTIVE LOAD
0
0
20
40
60
80
100
120
140
160
180
LEAD TEMPERATURE,
OC
Fig.1- FORWARD CURRENT DERATING CURVE
Apr,2014-REV.02
www.
dyelec.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com