Electronic Components Datasheet Search
  English  ▼

X  

WM8738 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8738
Description  24 BIT STEREO ADC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8738 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8738 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
WM8738
Production Data
w
PD Rev 4.3 November 2004
10
AUDIO DATA SAMPLING RATES
In a typical digital audio system there is only one central clock source producing a reference clock to
which all audio data processing is synchronised. This clock is often referred to as the audio system’s
Master Clock. The external master system clock can be applied directly through the MCLK input pin.
In a system where there are a number of possible sources for the reference clock it is recommended
that the clock source with the lowest jitter be used to optimise the performance of the ADC.
The master clock for WM8738 supports audio sampling rates from 256fs to 768fs, where fs is the
audio sampling frequency LRCLK, typically 32kHz, 44.1kHz, 48kHz, or 96kHz. The master clock is
used to operate the digital filters and the noise shaping circuits.
The WM8738 has a master clock detection circuit that automatically determines the relationship
between the master clock frequency and the sampling rate (to within +/- 32 system clocks). If there is
a greater than 32 clocks error the interface is disabled and maintains the output level at the last
sample. The master clock must be synchronised with LRCLK, although the WM8738 is tolerant of
phase variations or jitter on this clock. Table 1 shows the typical master clock frequency inputs for
the WM8738.
If MCLK is stopped for greater than 10us then the device will enter a low power mode where the
current taken from AVDD is greatly reduced. Note that when the device enters this mode the
references are powered down.
Table 1 shows the common MCLK frequencies for different sample rates.
Master Clock Frequency (MHz)
SAMPLING
RATE
(LRCLK)
256fs
384fs
512fs
768fs
32kHz
8.192
12.288
16.384
24.576
44.1kHz
11.2896
16.9340
22.5792
33.8688
48kHz
12.288
18.432
24.576
36.864
96kHz
24.576
36.864
Unavailable Unavailable
Table 1 Master Clock Frequency Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com