Electronic Components Datasheet Search
  English  ▼

X  

WM8738 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8738
Description  24 BIT STEREO ADC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8738 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8738 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 15Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
WM8738
Production Data
w
PD Rev 4.3 November 2004
11
DIGITAL AUDIO INTERFACES
The WM8738 has two data output formats, selectable via the FMT pin.
FMT = 0
ADC audio data output is I
2S
FMT = 1
ADC audio data output is Left Justified
Both of these modes are MSB first.
The digital audio interface takes the data from the internal ADC digital filter. SDATO is the formatted
digital audio data stream output from the ADC digital filters with left and right channels multiplexed
together. LRCLK is an alignment clock that controls whether Left or Right channel data is present on
the SDATO line. SDATO and LRCLK are synchronous with the BCLK signal with each data bit
transition signified by a low to high BCLK transition.
LEFT JUSTIFIED MODE
In left justified mode, the MSB of the ADC data is output on SDATO and changes on the same falling
edge of BCLK as LRCLK and may be sampled on the rising edge of BCLK. LRCLK is high during
the left samples and low during the right samples.
L EF T CH ANNEL
R I GHT CHANNEL
L RCL K
BCL K
SD ATO
1/fs
n
3
2
1n-2 n-1
LSB
MSB
n
3
2
1n-2 n-1
LSB
MSB
Figure 4 Left Justified Mode Timing Diagram
I
2S MODE
In I
2S mode, the MSB of the ADC data is output on SDATO and changes on the first falling edge of
BCLK following an LRCLK transition and may be sampled on the rising edge of BCLK. LRCLK is low
during the left samples and high during the right samples.
L EF T C H ANNEL
R IGHT C H ANNEL
LR C L K
BC L K
SD ATO
1/fs
n
3
2
1n-2 n-1
LSB
MSB
n
3
2
1n-2 n-1
LSB
MSB
1 BCLK
1 BCLK
Figure 5 I
2S Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com