Electronic Components Datasheet Search
  English  ▼

X  

X9271 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X9271
Description  Single Digitally-Controlled (XDCP) Potentiometer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9271 Datasheet(HTML) 1 Page - Xicor Inc.

  X9271 Datasheet HTML 1Page - Xicor Inc. X9271 Datasheet HTML 2Page - Xicor Inc. X9271 Datasheet HTML 3Page - Xicor Inc. X9271 Datasheet HTML 4Page - Xicor Inc. X9271 Datasheet HTML 5Page - Xicor Inc. X9271 Datasheet HTML 6Page - Xicor Inc. X9271 Datasheet HTML 7Page - Xicor Inc. X9271 Datasheet HTML 8Page - Xicor Inc. X9271 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
REV 1.1.7 2/6/03
Characteristics subject to change without notice.
1 of 23
www.xicor.com
X9271
Single Digitally-Controlled (XDCPTM) Potentiometer
FEATURES
• 256 Resistor Taps
• SPI Serial Interface for write, read, and transfer
operations of the potentiometer
• Wiper Resistance, 100
Ω typical @ VCC = 5V
• 16 Nonvolatile Data Registers
• Nonvolatile Storage of Multiple Wiper Positions
• Power On Recall. Loads Saved Wiper Position on
Power Up.
• Standby Current < 3µA Max
•VCC: 2.7V to 5.5V Operation
• 50K
Ω, 100KΩ versions of End to End Resistance
• 100 yr. Data Retention
• Endurance: 100,000 Data Changes per Bit per
Register
• 14-Lead TSSOP, 16-Lead CSP (Chip Scale
Package)
• Low Power CMOS
DESCRIPTION
The X9271 integrates a single digitally controlled
potentiometer
(XDCP)
on
a
monolithic
CMOS
integrated circuit.
The digital controlled potentiometer is implemented
using 255 resistive elements in a series array. Between
each element are tap points connected to the wiper
terminal through switches. The position of the wiper on
the array is controlled by the user through the SPI bus
interface. The potentiometer has associated with it a
volatile Wiper Counter Register (WCR) and a four
nonvolatile Data Registers that can be directly written
to and read by the user. The contents of the WCR
controls the position of the wiper on the resistor array
though the switches. Powerup recalls the contents of
the default data register (DR0) to the WCR.
The
XDCP
can
be
used
as
a
three-terminal
potentiometer or as a two terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
Single Supply / Low Power / 256-tap / SPI bus
APPLICATION NOTES AND DEVELOPMENT SYSTEM
A V A I L A B L E
AN99 • AN115 • AN124 •AN133 • AN134 • AN135
FUNCTIONAL DIAGRAM
50K
Ω and 100KΩ
RH
RL
RW
POT
VCC
VSS
SPI
Bus
Power On Recall
Wiper Counter
Register (WCR)
Data Registers
16 Bytes
Interface
Bus
Interface
and Control
Address
Data
Status
Write
Read
Transfer
Inc/Dec
Control
256-taps


Similar Part No. - X9271

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
Single Supply/Low Power/256-Tap/SPI Bus
March 31, 2005
X9271 INTERSIL-X9271 Datasheet
673Kb / 22P
Single, Digitally Controlled (XDCP?? Potentiometer
X9271 INTERSIL-X9271 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9271 RENESAS-X9271 Datasheet
791Kb / 19P
Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9271 INTERSIL-X9271 Datasheet
523Kb / 18P
Single, Digitally Controlled Potentiometer
July 18, 2014
More results

Similar Description - X9271

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9421 XICOR-X9421 Datasheet
117Kb / 21P
Single Digitally Controlled (XDCP) Potentiometer
X9279 XICOR-X9279 Datasheet
398Kb / 24P
Single Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
Single Digitally Controlled Potentiometer (XDCP)
October 7, 2005
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
Single Digitally Controlled (XDCP) Potentiometer
September 23, 2005
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
Single Digitally Controlled Potentiometer XDCP
September 1, 2009
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
Single Digitally-Controlled (XDCP?? Potentiometer
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
Single, Digitally Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
Single Digitally-Controlled (XDCP?? Potentiometer
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
Single Digitally Controlled Potentiometer (XDCP??
November 21, 2007
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
Single Digitally-Controlled (XDCP ??) Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com