Electronic Components Datasheet Search
  English  ▼

X  

X9271 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X9271
Description  Single Digitally-Controlled (XDCP) Potentiometer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9271 Datasheet(HTML) 2 Page - Xicor Inc.

  X9271 Datasheet HTML 1Page - Xicor Inc. X9271 Datasheet HTML 2Page - Xicor Inc. X9271 Datasheet HTML 3Page - Xicor Inc. X9271 Datasheet HTML 4Page - Xicor Inc. X9271 Datasheet HTML 5Page - Xicor Inc. X9271 Datasheet HTML 6Page - Xicor Inc. X9271 Datasheet HTML 7Page - Xicor Inc. X9271 Datasheet HTML 8Page - Xicor Inc. X9271 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
X9271
Characteristics subject to change without notice.
2 of 23
REV 1.1.7 2/6/03
www.xicor.com
DETAILED FUNCTIONAL DIAGRAM
R0 R1
R2 R3
WIPER
COUNTER
REGISTER
(WCR)
RH
RL
DATA
RW
INTERFACE
AND
CONTROL
CIRCUITRY
VCC
VSS
Bank 0
R0 R1
R2 R3
Bank 1
R0 R1
R2 R3
Bank 2
R0 R1
R2 R3
Bank 3
12 additional nonvolatile registers
3 Banks of 4 registers x 8-bits
CS
SCK
A0
SO
SI
HOLD
WP
A1
Control
256-taps
50K
Ω and 100KΩ
Power On Recall
CIRCUIT LEVEL APPLICATIONS
• Vary the gain of a voltage amplifier
• Provide programmable dc reference voltages for
comparators and detectors
• Control the volume in audio circuits
• Trim out the offset voltage error in a voltage amplifier
circuit
• Set the output voltage of a voltage regulator
• Trim the resistance in Wheatstone bridge circuits
• Control the gain, characteristic frequency and
Q-factor in filter circuits
• Set the scale factor and zero point in sensor signal
conditioning circuits
• Vary the frequency and duty cycle of timer ICs
• Vary the dc biasing of a pin diode attenuator in RF
circuits
• Provide a control variable (I, V, or R) in feedback
circuits
SYSTEM LEVEL APPLICATIONS
• Adjust the contrast in LCD displays
• Control the power level of LED transmitters in
communication systems
• Set and regulate the DC biasing point in an RF
power amplifier in wireless systems
• Control the gain in audio and home entertainment
systems
• Provide the variable DC bias for tuners in RF
wireless systems
• Set the operating points in temperature control
systems
• Control the operating point for sensors in industrial
systems
• Trim offset and gain errors in artificial intelligent
systems



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com