Electronic Components Datasheet Search
  English  ▼

X  

HDOM050P Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # HDOM050P
Description  Precision compensated pressure sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HDOM050P Datasheet(HTML) 2 Page - Sensortechnics GmbH

  HDOM050P Datasheet HTML 1Page - Sensortechnics GmbH HDOM050P Datasheet HTML 2Page - Sensortechnics GmbH HDOM050P Datasheet HTML 3Page - Sensortechnics GmbH HDOM050P Datasheet HTML 4Page - Sensortechnics GmbH HDOM050P Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HDO Series
Precision compensated pressure sensors
2/5
E / 11648 / F
www.first-sensor.com
www.sensortechnics.com
PRESSURE RANGES SPECIFICATIONS1
Specification notes:
1.
Reference conditions: supply voltage, V
S=12 VDC; TA=25 °C; RH=50 %; common mode line pressure = 0 bar; pressure applied
to high pressure port.
2.
Span is the algebraic difference between the output voltage at full scale pressure and the output at zero pressure. Span is
ratiometric to the supply voltage.
3.
Hysteresis is the maximum output difference at any point within the operating pressure range for increasing and decreasing
pressure.
4.
Maximum error band of the offset voltage and the error band of the span, relative to the 25°C reading.
5.
Maximum difference in offset respectively maximum difference in span within the temperature range of 0...+50°C after:
a) 100 temperature cycles, 0...+50°C.
b) 1.0 million pressure cycles, 0 psi to full scale span.
6.
Input impedance is the impedance between V
S and ground.
7.
Output impedance is the impedance between + and - outputs.
8.
This is the common mode voltage of the output arms for V
S = 12 VDC.
9.
Response time for a zero to full scale span pressure step change, 10 to 90 % rise time.
10. Long term stability over a one year period.
11. Proof pressure is the maximum pressure which may be applied without causing durable shifts of the electrical parameters
of the sensing element.
12. Burst pressure is the maximum pressure which may be applied without causing damage to the sensing element or leaks to
the housing.
r
e
b
m
u
n
t
r
a
P
g
n
i
t
a
r
e
p
O
e
r
u
s
s
e
r
p
f
o
o
r
P
e
r
u
s
s
e
r
p
1
1
t
s
r
u
B
e
r
u
s
s
e
r
p
2
1
n
a
p
s
e
l
a
c
s
-
l
l
u
F
2
.
n
i
M.
p
y
T.
x
a
M
P
.
.
.
0
1
0
M
O
D
Hr
a
b
m
0
1
.
.
.
0r
a
b
m
0
0
1r
a
b
m
0
5
1V
m
7
.
9
1V
m
0
.
0
2V
m
3
.
0
2
P
.
.
.
0
2
0
M
O
D
Hr
a
b
m
0
2
.
.
.
0r
a
b
m
0
0
1r
a
b
m
0
5
1V
m
7
.
4
2V
m
0
.
5
2V
m
3
.
5
2
P
.
.
.
0
5
0
M
O
D
Hr
a
b
m
0
5
.
.
.
0r
a
b
m
0
5
2r
a
b
m
0
0
5V
m
7
.
9
1V
m
0
.
0
2V
m
3
.
0
2
P
.
.
.
0
0
1
M
O
D
Hr
a
b
m
0
0
1
.
.
.
0r
a
b
m
0
5
2r
a
b
m
0
0
5V
m
7
.
9
1V
m
0
.
0
2V
m
3
.
0
2
P
.
.
.
0
0
2
M
O
D
Hr
a
b
m
0
0
2
.
.
.
0r
a
b
1r
a
b
4
.
1V
m
7
.
9
2V
m
0
.
0
3V
m
3
.
0
3
P
.
.
.
0
0
5
M
O
D
Hr
a
b
m
0
0
5
.
.
.
0r
a
b
1r
a
b
4
.
1V
m
7
.
9
2V
m
0
.
0
3V
m
3
.
0
3
P
.
.
.
A
1
0
0
B
O
D
Ha
r
a
b
1
.
.
.
0a
r
a
b
3a
r
a
b
5V
m
1
.
9
8V
m
0
.
0
9V
m
9
.
0
9
P
.
.
.
)
G
,
D
(
1
0
0
B
O
D
Hr
a
b
1
.
.
.
0r
a
b
3r
a
b
5V
m
4
.
9
5V
m
0
.
0
6V
m
6
.
0
6
P
.
.
.
2
0
0
B
O
D
Hr
a
b
2
.
.
.
0r
a
b
4r
a
b
6V
m
5
.
9
4V
m
0
.
0
5V
m
5
.
0
5
P
.
.
.
5
0
0
B
O
D
Hr
a
b
5
.
.
.
0r
a
b
7r
a
b
7V
m
4
.
9
5V
m
0
.
0
6V
m
6
.
0
6
H
.
.
.
0
1
0
M
O
D
Hr
a
b
m
0
1
.
.
.
0r
a
b
m
0
0
1r
a
b
m
0
5
1V
m
5
.
9
1V
m
0
.
0
2V
m
5
.
0
2
H
.
.
.
0
2
0
M
O
D
Hr
a
b
m
0
2
.
.
.
0r
a
b
m
0
0
1r
a
b
m
0
5
1V
m
5
.
4
2V
m
0
.
5
2V
m
5
.
5
2
H
.
.
.
0
5
0
M
O
D
Hr
a
b
m
0
5
.
.
.
0r
a
b
m
0
5
2r
a
b
m
0
0
5V
m
7
3
.
9
1V
m
0
.
0
2V
m
3
6
.
0
2
H
.
.
.
0
0
1
M
O
D
Hr
a
b
m
0
0
1
.
.
.
0r
a
b
m
0
5
2r
a
b
m
0
0
5V
m
7
3
.
9
1V
m
0
.
0
2V
m
3
6
.
0
2
H
.
.
.
0
0
2
M
O
D
Hr
a
b
m
0
0
2
.
.
.
0r
a
b
1r
a
b
4
.
1V
m
5
9
.
8
2V
m
0
.
0
3V
m
5
0
.
1
3
H
.
.
.
0
0
5
M
O
D
Hr
a
b
m
0
0
5
.
.
.
0r
a
b
1r
a
b
4
.
1V
m
5
9
.
8
2V
m
0
.
0
3V
m
5
0
.
1
3
H
.
.
.
A
1
0
0
B
O
D
Ha
r
a
b
1
.
.
.
0a
r
a
b
3a
r
a
b
5V
m
5
8
.
6
8V
m
0
.
0
9V
m
5
1
.
3
9
H
.
.
.
)
G
,
D
(
1
0
0
B
O
D
Hr
a
b
1
.
.
.
0r
a
b
3r
a
b
5V
m
9
.
7
5V
m
0
.
0
6V
m
1
.
2
6
H
.
.
.
2
0
0
B
O
D
Hr
a
b
2
.
.
.
0r
a
b
4r
a
b
6V
m
5
2
.
8
4V
m
0
.
0
5V
m
5
7
.
1
5
H
.
.
.
5
0
0
B
O
D
Hr
a
b
5
.
.
.
0r
a
b
7r
a
b
7V
m
9
.
7
5V
m
0
.
0
6V
m
1
.
2
6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com