Electronic Components Datasheet Search
  English  ▼

X  

HDOM050P Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # HDOM050P
Description  Precision compensated pressure sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HDOM050P Datasheet(HTML) 3 Page - Sensortechnics GmbH

  HDOM050P Datasheet HTML 1Page - Sensortechnics GmbH HDOM050P Datasheet HTML 2Page - Sensortechnics GmbH HDOM050P Datasheet HTML 3Page - Sensortechnics GmbH HDOM050P Datasheet HTML 4Page - Sensortechnics GmbH HDOM050P Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HDO Series
Precision compensated pressure sensors
3/5
E / 11648 / F
www.first-sensor.com
www.sensortechnics.com
PERFORMANCE CHARACTERISTICS1
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Zr
a
b
m
0
2
o
t
p
u
s
e
c
i
v
e
d5
7
.
0
-0
5
7
.
0
+
V
m
s
e
c
i
v
e
d
r
e
h
t
o
ll
a5
.
0
-0
5
.
0
+
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
d
e
n
i
b
m
o
C
3
2
.
0
±0
.
1
±O
S
F
%
s
t
c
e
f
f
e
e
r
u
t
a
r
e
p
m
e
T
)
C
°
0
5
.
.
.
0
(
4
t
e
s
f
f
O2
.
0
±0
.
1
±V
m
n
a
p
S4
.
0
±0
.
2
±
O
S
F
%
y
t
il
i
b
a
t
a
e
p
e
R
5
2
.
0
±5
.
0
±
e
c
n
a
d
e
p
m
i
t
u
p
n
I
6
r
a
b
4
m
o
r
f
s
e
c
i
v
e
d4
>
k
Ω
s
e
c
i
v
e
d
r
e
h
t
o
ll
a2
1
>
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
7
0
.
4
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
8
8
.
40
.
62
.
7V
C
D
e
m
i
t
e
s
n
o
p
s
e
R
9
0
0
1c
e
s
µ
n
a
p
s
d
n
a
t
e
s
f
f
o
f
o
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
0
1
1
.
0
±V
m
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z5
2
.
0
-0
5
2
.
0
+V
m
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
d
e
n
i
b
m
o
C
3
1
.
0
±5
2
.
0
±O
S
F
%
s
t
c
e
f
f
e
e
r
u
t
a
r
e
p
m
e
T
)
C
°
0
5
.
.
.
0
(
4
t
e
s
f
f
O2
.
0
±5
.
0
±V
m
n
a
p
S4
.
0
±0
.
1
±
O
S
F
%
y
t
il
i
b
a
t
a
e
p
e
R
5
2
.
0
±5
.
0
±
e
c
n
a
d
e
p
m
i
t
u
p
n
I
6
r
a
b
4
m
o
r
f
s
e
c
i
v
e
d4
>
k
Ω
s
e
c
i
v
e
d
r
e
h
t
o
ll
a2
1
>
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
7
0
.
4
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
8
8
.
40
.
62
.
7V
C
D
e
m
i
t
e
s
n
o
p
s
e
R
9
0
0
1c
e
s
µ
n
a
p
s
d
n
a
t
e
s
f
f
o
f
o
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
0
1
1
.
0
±V
m
All HDO...H devices (High Grade)
All HDO...P devices (Prime Grade)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com