Electronic Components Datasheet Search
  English  ▼

X  

ADA4622-2 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4622-2
Description  30 V, 7.5 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-2 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4622-2 Datasheet HTML 18Page - Analog Devices ADA4622-2 Datasheet HTML 19Page - Analog Devices ADA4622-2 Datasheet HTML 20Page - Analog Devices ADA4622-2 Datasheet HTML 21Page - Analog Devices ADA4622-2 Datasheet HTML 22Page - Analog Devices ADA4622-2 Datasheet HTML 23Page - Analog Devices ADA4622-2 Datasheet HTML 24Page - Analog Devices ADA4622-2 Datasheet HTML 25Page - Analog Devices ADA4622-2 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADA4622-2
Data Sheet
Rev. 0 | Page 22 of 28
THEORY OF OPERATION
SLEW
ENHANCEMENT
CIRCUIT
ED1
+INx
V–
OUTx
V+
–INx
ED2
R1
R3
R4
R8
R9
R10
R7
Q1
Q3
C1
Q2
Q4
Q5
RR
OUTPUT
STAGE
VBIAS
R5
R6
IN
OUT1
OUT2
J2
J1
R2
ED3
ED4
ED5
ED6
IMAGIC
CURRENT
CURRENT MIRROR
Figure 71. Simplified Circuit Diagram
INPUT CHARACTERISTICS
The ADA4622-2 input stage consists of N-channel JFETS
that provide low offset, low noise, and high impedance. The
minimum input common-mode voltage extends from 200 mV
below V− to 1 V less than V+. Driving the input closer to the
positive rail causes loss of amplifier bandwidth and increased
common-mode voltage error. Figure 72 shows the rounding of
the output due to the loss of bandwidth. The input and output
are superimposed.
CH1 1.00V CH2 1.00V
M2.00µs
A CH1
3.00V
1
Figure 72. Bandwidth Limiting Due to Headroom Requirements
The ADA4622-2 does not exhibit phase reversal for input
voltages up to V+. For input voltages greater than V+, a 10 kΩ
resistor in series with the noninverting input prevents phase
reversal at the expense of higher noise (see Figure 73).
CH1 1.00V CH2 1.00V
M2.00µs
1
A CH1
3.84V
Figure 73. No Phase Reversal
Because the input stage uses N-channel JFETs, the input current
during normal operation is negative. However, the input bias
current changes direction as the input voltage approaches V+
due to internal junctions becoming forward biased (see Figure 74).
–3
–2
–1
0
1
2
3
4
–5
–4
–3
–2
–1
0
1
2
3
4
5
COMMON-MODE VOLTAGE (V)
Figure 74. Input Bias Current vs. Common-Mode Voltage with ±5 V Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com