Electronic Components Datasheet Search
  English  ▼

X  

ADA4622-2 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4622-2
Description  30 V, 7.5 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-2 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4622-2 Datasheet HTML 19Page - Analog Devices ADA4622-2 Datasheet HTML 20Page - Analog Devices ADA4622-2 Datasheet HTML 21Page - Analog Devices ADA4622-2 Datasheet HTML 22Page - Analog Devices ADA4622-2 Datasheet HTML 23Page - Analog Devices ADA4622-2 Datasheet HTML 24Page - Analog Devices ADA4622-2 Datasheet HTML 25Page - Analog Devices ADA4622-2 Datasheet HTML 26Page - Analog Devices ADA4622-2 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
ADA4622-2
Rev. 0 | Page 23 of 28
The ADA4622-2 is designed for 12 nV/√Hz wideband input
voltage noise and maintains low noise performance at low
frequencies (see Figure 75). This noise performance, along with
the low input current as well as low current noise, means that
the ADA4622-2 contributes negligible noise for applications
with a source resistance greater than 10 kΩ and at signal
bandwidths greater than 1 kHz.
1k
10k
100k
10
100
1k
10k
100k
FREQUENCY (Hz)
ADA4622-2 VOLTAGE AND CURRENT NOISE
RS NOISE
TOTAL NOISE
Figure 75. Total Noise vs. Source Resistance
Input Overvoltage Protection
The ADA4622-2 has internal protective circuitry that allows
voltages as high as 0.3 V beyond the supplies to be applied at the
input of either terminal without causing damage. Use a current
limiting resistor in series with the input of the ADA4622-2 if
the input voltage exceeds 0.3 V beyond the supplies. If the
overvoltage condition persists for more than a few seconds,
the amplifier may be damaged.
For higher input voltages, determine the resistor value by
mA
10
≤
−
S
SY
IN
R
V
V
where:
VIN is the input voltage.
VSY is the voltage of either V+ or V−.
RS is the series resistor.
With a very low bias current of 1.5 nA maximum up to 125°C,
higher resistor values can be used in series with the inputs without
introducing large offset errors. A 1 kΩ series resistor allows the
amplifier to withstand 10 V of continuous overvoltage and
increases the noise by a negligible amount. A 5 kΩ resistor
protects the inputs from voltages as high as 25 V beyond the
supplies and adds less than 10 µV to the offset.
EMI Rejection
Figure 76 shows the electromagnetic interference rejection ratio
(EMIRR) vs. frequency for the ADA4622-2.
0
20
40
60
80
100
10M
100M
1G
FREQUENCY (Hz)
COMPETITOR 1
COMPETITOR 2
ADA4622-2
Figure 76. EMI Rejection Ratio (EMIRR) vs. Frequency
OUTPUT CHARACTERISTICS
The ADA4622-2 unique bipolar rail-to-rail output stage swings
within 10 mV of the supplies with no external resistive load.
The ADA4622-2 approximate output saturation resistance is
24 Ω sourcing or sinking. Use the output impedance to estimate
the output saturation voltage when driving heavier loads. As an
example, when driving 5 mA, the saturation voltage from either
rail is roughly 120 mV.
If the ADA4622-2 output is driven hard against the output
saturation voltage, it recovers within 1.2 µs of the input, returning
to the amplifiers linear operating region (see Figure 48 and
Figure 51).
Capacitive Load Drive Capability
Direct capacitive loads interact with the effective output
impedance of the ADA4622-2 to form an additional pole in the
amplifier feedback loop, which causes excessive peaking on the
pulse response or loss of stability. The worst case condition is
when the device is used single 5 V supply and in a unity-gain
configuration. Figure 77 shows the pulse response of the
ADA4622-2 driving 500 pF directly.
CH1 50.0mV BW
M2.00µs
A CH1
108mV
1
Figure 77. Pulse Response with 500 pF Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com