Electronic Components Datasheet Search
  English  ▼

X  

CQ92M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CQ92M
Description  ??Polyester film/foil capacitor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CQ92M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CQ92M Datasheet HTML 1Page - List of Unclassifed Manufacturers CQ92M Datasheet HTML 2Page - List of Unclassifed Manufacturers CQ92M Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
61
TYPICAL DATA
CQ92M, SCQ92M
∆C/C%
+10
–50 –25
0
+25 +50 +75 +100
°C
+5
0
–5
∆C/C%
+1
0.1
1.0
10
100 kHz
0
–1
–2
tan
δ %
10
0.1
1.0
10
100 kHz
1
0.1
tan
δ %
1.0
–50 –25
0
+25 +50 +75 +100
°C
0.8
0.6
0.4
M
Ω• µF
105
104
–50 –25
0
+25 +50 +75 +100
°C
Capacitance vs.
temperature (at 1 kHz)
Capacitance vs.
frequency (at +23°C)
Insulation resistance vs.
temperature
Dissipation factor vs.
temperature
Dissipation factor vs.
frequency (at +23°C)
ENVIRONMENTAL TEST DATA
T = +40°C, RH = 93%, t = 21 days.
∆ C/C ≤ 5%, tanδ after test ≤ 1.0% (1kHz)
IR after test 9000 M
Ω.
T = +85°C, U = 1.4 x U
R, t = 1000 h.
∆ C/C ≤ 5%, tanδ ≤ 1.0% (1kHz)
IR after test
5000 M
Ω.
Damp heat test
Test conditions:
Test criteria:
Endurance test
Test conditions:
Test criteria:
MARKING
CQ92M
• Capacitance
• Tolerance
• Rated voltage
ORDERING INFORMATION
See article table and pages 18 to 23 for options and article code construction.
SCQ92M
• Capacitance
• Tolerance
• An underline under the tolerance
indicates that the capacitor is rated 50V.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com