Electronic Components Datasheet Search
  English  ▼

X  

CQ92M Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CQ92M
Description  ??Polyester film/foil capacitor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CQ92M Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CQ92M Datasheet HTML 1Page - List of Unclassifed Manufacturers CQ92M Datasheet HTML 2Page - List of Unclassifed Manufacturers CQ92M Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
62
ARTICLE TABLE CQ92M
Capaci-
Max dimensions in mm
Quantity per package
tance
µF
B
H
L
p
R
Bulk
Ammo
Article code
CQ92M, SCQ92M
50 VDC/30 VAC & 100VDC/63 VAC
0.0010
3.0
11.0
5.6
3.5
5.0
1000
2000
CQ92M 102K100 TA16
0.0015
3.0
11.0
5.6
3.5
5.0
1000
2000
CQ92M 152K100 TA16
0.0022
3.0
11.0
5.6
3.5
5.0
1000
2000
CQ92M 222K100 TA16
0.0033
3.0
11.0
5.6
3.5
5.0
1000
2000
CQ92M 332K100 TA16
0.0047
3.0
11.0
5.6
3.5
5.0
1000
2000
CQ92M 472K100 TA16
0.0068
3.5
12.0
6.0
3.5
5.0
1000
2000
CQ92M 682K100 TA16
0.010
3.5
12.0
6.5
3.5
5.0
1000
2000
CQ92M 103K100 TA16
0.015
3.5
13.0
6.5
4.0
5.0
1000
2000
CQ92M 153K100 TA16
0.022
4.0
13.0
7.0
5.0
5.0
1000
2000
CQ92M 223K100 TA16
0.033
4.5
13.5
8.0
5.0
5.0
1000
2000
CQ92M 333K100 TA16
0.047
4.5
14.0
9.0
5.0
5.0
1000
1000
CQ92M 473K100 TA16
0.068
5.0
14.0
10.0
7.5
5.0
500
1000
CQ92M 683K100 TA16
0.10
6.0
14.0
11.0
7.5
5.0
500
1000
CQ92M 104K100 TA16
0.15
7.0
17.0
12.0
7.5
5.0
500
CQ92M 154K100
0.22
8.0
18.0
13.5
10.0
5.0
500
CQ92M 224K100
0.33
8.5
21.0
15.0
10.0
7.5
500
CQ92M 334K100
0.47
10.0
21.0
18.0
10.0
7.5
500
CQ92M 474K100
0.0010
3.5
12.0
6.0
3.5
5.0
1000
2000
CQ92M 102K250 TA16
0.0015
3.5
12.0
6.0
3.5
5.0
1000
2000
CQ92M 152K250 TA16
0.0022
3.5
12.0
6.0
3.5
5.0
1000
2000
CQ92M 222K250 TA16
0.0033
3.5
12.0
6.0
3.5
5.0
1000
2000
CQ92M 332K250 TA16
0.0047
3.5
12.0
6.0
3.5
5.0
1000
2000
CQ92M 472K250 TA16
0.0068
3.5
13.0
6.0
4.5
5.0
1000
2000
CQ92M 682K250 TA16
0.010
4.5
13.5
7.5
4.5
5.0
1000
2000
CQ92M 103K250 TA16
0.015
4.5
13.5
8.0
5.0
5.0
1000
2000
CQ92M 153K250 TA16
0.022
5.5
14.0
9.0
5.0
5.0
1000
2000
CQ92M 223K250 TA16
0.033
5.5
14.0
9.0
5.0
5.0
1000
1000
CQ92M 333K250 TA16
0.047
6.5
14.0
10.0
5.5
5.0
1000
1000
CQ92M 473K250 TA16
0.068
7.0
15.0
12.0
6.5
5.0
1000
CQ92M 683K250
0.10
8.0
15.0
13.0
7.5
5.0
1000
CQ92M 104K250
0.0010
3.0
8.0
6.0
3.5
5.0
1000
2000
SCQ92M 102K50 TA16
0.0015
3.0
8.0
6.0
3.5
5.0
1000
2000
SCQ92M 152K50 TA16
0.0022
3.0
8.0
6.0
3.5
5.0
1000
2000
SCQ92M 222K50 TA16
0.0033
3.0
8.0
6.0
3.5
5.0
1000
2000
SCQ92M 332K50 TA16
0.0047
3.5
8.0
6.0
3.5
5.0
1000
2000
SCQ92M 472K50 TA16
0.0068
3.5
8.0
6.5
3.5
5.0
1000
2000
SCQ92M 682K50 TA16
0.010
3.5
8.0
6.5
3.5
5.0
1000
2000
SCQ92M 103K50 TA16
0.015
3.5
9.5
6.5
3.5
5.0
1000
2000
SCQ92M 153K50 TA16
0.022
5.0
10.0
6.5
3.5
5.0
1000
2000
SCQ92M 223K50 TA16
0.033
5.0
10.0
8.0
3.5
5.0
1000
2000
SCQ92M 333K50 TA16
0.047
5.0
10.5
8.0
5.0
5.0
1000
1000
SCQ92M 473K50 TA16
0.068
5.0
11.0
9.5
5.0
5.0
500
1000
SCQ92M 683K50 TA16
0.10
6.0
11.5
10.0
5.0
5.0
500
1000
SCQ92M 104K50 TA16
0.15
6.5
12.5
11.0
5.0
5.0
500
1000
SCQ92M 154K50 TA16
0.22
7.0
14.5
11.5
7.5
5.0
500
1000
SCQ92M 224K50 TA16
0.33
7.5
14.5
12.5
7.5
7.5
500
SCQ92M 334K50
0.47
8.5
15.0
14.5
7.5
7.5
500
SCQ92M 474K50
250 VDC/160 VAC
ARTICLE TABLE SCQ92M
50 VDC/30 VAC
Capaci-
Max dimensions in mm
Quantity per package
tance
µF
B
H
L
p
R
Bulk
Ammo
Article code



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com