Electronic Components Datasheet Search
  English  ▼

X  

SPF0004 Datasheet(PDF) 5 Page - Sanken electric

Part # SPF0004
Description  Automotive Qualified
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SPF0004 Datasheet(HTML) 5 Page - Sanken electric

  SPF0004 Datasheet HTML 1Page - Sanken electric SPF0004 Datasheet HTML 2Page - Sanken electric SPF0004 Datasheet HTML 3Page - Sanken electric SPF0004 Datasheet HTML 4Page - Sanken electric SPF0004 Datasheet HTML 5Page - Sanken electric SPF0004 Datasheet HTML 6Page - Sanken electric SPF0004 Datasheet HTML 7Page - Sanken electric SPF0004 Datasheet HTML 8Page - Sanken electric SPF0004 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SPF0004
SPF0004-DSE Rev.1.0
SANKEN ELCTRIC CO.,LTD.
5
Sep. 06, 2016
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2016
VDS
VDD
RG
RL
VGS
0 V
Pulse width = 10 μs
Duty cycle ≤ 1 %
ID
td(on) tr
ton
td(off) tf
toff
90%
10%
90%
10%
VGS
VDS
0
0
(a) Test Circuit
(b) Waveform
Figure 4
Switching Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com