Electronic Components Datasheet Search
  English  ▼

X  

SPF0004 Datasheet(PDF) 1 Page - Sanken electric

Part # SPF0004
Description  Automotive Qualified
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SPF0004 Datasheet(HTML) 1 Page - Sanken electric

  SPF0004 Datasheet HTML 1Page - Sanken electric SPF0004 Datasheet HTML 2Page - Sanken electric SPF0004 Datasheet HTML 3Page - Sanken electric SPF0004 Datasheet HTML 4Page - Sanken electric SPF0004 Datasheet HTML 5Page - Sanken electric SPF0004 Datasheet HTML 6Page - Sanken electric SPF0004 Datasheet HTML 7Page - Sanken electric SPF0004 Datasheet HTML 8Page - Sanken electric SPF0004 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
VDSS = 275 V, RDS(ON) = 0.26 Ω
Dual N-channel Power MOSFET
SPF0004
Data Sheet
SPF0004-DSE Rev.1.0
SANKEN ELCTRIC CO.,LTD.
1
Sep. 06, 2016
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2016
Description
SPF0004 includes two N-channel power MOSFETs
with zener diode for ESD protection. The package of
SPF0004 isolates each MOSFET, and has heatsink
connected to each drain.
Features
● Automotive Qualified
● Low On Resistance
● ESD Protection Zener on Gate
● 100% Avalanche Tested
● Compliant with RoHS directive
● V
DSS ------------------------------------ 275 V (ID = 100 μA)
● I
D --------------------------------------------------------- ± 6 A
● R
DS(ON) ---------------0.26 Ω max. (ID = 6 A, VGS = 10 V)
● trr ------------------------------------------------ 117 ns (typ.)
Applications
● DC/DC Converter
● Other Switched-mode Power Supply
Package
HSOP20
Not to scale
Internal Schematic Diagram
D1
(F1)
S1
(2, 3, 4)
G1
(17, 18, 19)
D1: Drain1
S1: Source1
G1: Gate1
D2: Drain2
S2: Source2
G2: Gate2
D2
(F2)
S2
(7, 8, 9)
G2
(12, 13, 14)
余白上 35mm
(1)
(10)
(11)
(20)
(11)
(20)
(1)
(10)
(F1)
(F2)


Similar Part No. - SPF0004

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPF0001 SANKEN-SPF0001 Datasheet
43Kb / 1P
Surface-mount Power Transistor Array
More results

Similar Description - SPF0004

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD0503 PETERMANN-SMD0503_15 Datasheet
412Kb / 4P
Qualified for automotive applications
SMD0503-2 PETERMANN-SMD0503-2_15 Datasheet
652Kb / 4P
Qualified for automotive applications
SMD0507-4 PETERMANN-SMD0507-4_15 Datasheet
541Kb / 4P
Qualified for automotive applications
SMD0603-4 PETERMANN-SMD0603-4_15 Datasheet
716Kb / 4P
Qualified for automotive applications
logo
Texas Instruments
TPS3306-15QDRG4Q1 TI1-TPS3306-15QDRG4Q1 Datasheet
815Kb / 16P
Qualified for Automotive Applications
BQ25071-Q1 TI1-BQ25071-Q1 Datasheet
495Kb / 22P
Automotive Qualified
logo
Sanken electric
SUK3015 SANKEN-SUK3015 Datasheet
355Kb / 10P
Automotive Qualified
logo
Allegro MicroSystems
A8585 ALLEGRO-A8585 Datasheet
3Mb / 35P
Automotive AEC-Q100 qualified
logo
Texas Instruments
SN74AHC32Q-Q1 TI1-SN74AHC32Q-Q1 Datasheet
102Kb / 7P
Qualified for Automotive Applications
TLC225XA-Q1 TI1-TLC225XA-Q1 Datasheet
646Kb / 35P
Qualified for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com