Electronic Components Datasheet Search
  English  ▼

X  

40CTQ045S Datasheet(PDF) 4 Page - International Rectifier

Part # 40CTQ045S
Description  SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40CTQ045S Datasheet(HTML) 4 Page - International Rectifier

  40CTQ045S Datasheet HTML 1Page - International Rectifier 40CTQ045S Datasheet HTML 2Page - International Rectifier 40CTQ045S Datasheet HTML 3Page - International Rectifier 40CTQ045S Datasheet HTML 4Page - International Rectifier 40CTQ045S Datasheet HTML 5Page - International Rectifier 40CTQ045S Datasheet HTML 6Page - International Rectifier 40CTQ045S Datasheet HTML 7Page - International Rectifier 40CTQ045S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
40CTQ045, 40CTQ045S, 40CTQ045-1
4
Bulletin PD-20544 rev. C 12/01
www.irf.com
Fig. 8 - Unclamped Inductive Test Circuit
(2) Formula used: T
C = TJ - (Pd + PdREV) x RthJC ;
Pd = Forward Power Loss = I
F(AV) x VFM @ (IF(AV) / D) (see Fig. 6);
Pd
REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 10 V
Fig.7-Max. Non-Repetitive Surge Current (PerLeg)
Fig.5-Max. Allowable CaseTemperature
Vs. Average Forward Current (PerLeg)
Fig.6-Forward Power Loss Characteristics
(PerLeg)
FR EE-W H E EL
D IO D E
40H FL40 S02
CU R RE N T
MO N ITO R
HIG H-SP E ED
SW ITC H
IRFP460
L
DU T
Rg = 25 ohm
Vd = 25 V o lt
+
100
105
110
115
120
125
130
135
140
145
150
0
5
10
1 5
20
25
30
DC
F(A V )
A ve rag e Forw a rd C urren t - I
(A )
se e n o te (2)
Sq uare w a ve (D = 0.50)
80% Rate d V a pp lie d
R
0
2
4
6
8
10
12
14
16
18
0
5
10
15
20
25
30
DC
F(A V )
RM S Lim it
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
A vera g e Forw a rd C urre n t - I
(A)
100
1000
10000
10
100
1000
10000
p
At Any Rated Load C ondition
An d W ith Ra te d V
Ap plied
Follow in g Surg e
RRM
Square W ave Pulse D uration - t
(m ic rose c)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com