Electronic Components Datasheet Search
  English  ▼

X  

40CTQ045S Datasheet(PDF) 7 Page - International Rectifier

Part # 40CTQ045S
Description  SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40CTQ045S Datasheet(HTML) 7 Page - International Rectifier

  40CTQ045S Datasheet HTML 1Page - International Rectifier 40CTQ045S Datasheet HTML 2Page - International Rectifier 40CTQ045S Datasheet HTML 3Page - International Rectifier 40CTQ045S Datasheet HTML 4Page - International Rectifier 40CTQ045S Datasheet HTML 5Page - International Rectifier 40CTQ045S Datasheet HTML 6Page - International Rectifier 40CTQ045S Datasheet HTML 7Page - International Rectifier 40CTQ045S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Bulletin PD-20544 rev. C 12/01
www.irf.com
40CTQ045, 40CTQ045S, 40CTQ045-1
Ordering Information Table
Device Code
1
5
24
3
1
-
Essential Part Number
2
-
Common Cathode
3
-
T = TO-220
4
-
Q = Schottky Q Series
5
-
Voltage Rating
6
-S = D2Pak
6
-
-1 = TO-262
40
C
T
Q
045
-1
6
035 = 35V
040 = 40V
045 = 45V
TRR
FEED DIR ECTION
TRL
FEED DIRECTION
10.90 (0.429)
10.70 (0.421)
16.10 (0.634)
15.90 (0.626)
1.75 (0.069)
1.25 (0.049)
1.85 (0.073)
1.65 (0.065)
4.10 (0.161)
3.90 (0.153)
1.60 (0.063)
1.50 (0.059)
DIA.
1.60 (0.063)
1.50 (0.059)
DIA.
11.60 (0.457)
11.40 (0.449)
15.42 (0.609)
15.22 (0.601)
4.72 (0.186)
4.52 (0.178)
24.30 (0.957)
23.90 (0.941)
0.368 (0.0145)
0.342 (0.0135)
360 (14.173)
DIA. MAX.
26.40 (1.039)
24.40 (0.961)
13.50 (0.532)
12.80 (0.504) DIA.
60 (2.362)
DIA. MIN .
SMD-220 Tape & Reel
When ordering, indicate the part
number, part orientation, and the
quantity. Quantities are in multiples
of 800 pieces per reel for both
TRL and TRR.
Dimensionsinmillimetersand(inches)
Tape & Reel Information



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com