Electronic Components Datasheet Search
  English  ▼

X  

STL33N65M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL33N65M2
Description  N-channel 650 V, 0.124 (ohm0 typ., 20 A MDmesh M2 Power MOSFET in a PowerFLAT 8x8 HV package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL33N65M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STL33N65M2 Datasheet HTML 1Page - STMicroelectronics STL33N65M2 Datasheet HTML 2Page - STMicroelectronics STL33N65M2 Datasheet HTML 3Page - STMicroelectronics STL33N65M2 Datasheet HTML 4Page - STMicroelectronics STL33N65M2 Datasheet HTML 5Page - STMicroelectronics STL33N65M2 Datasheet HTML 6Page - STMicroelectronics STL33N65M2 Datasheet HTML 7Page - STMicroelectronics STL33N65M2 Datasheet HTML 8Page - STMicroelectronics STL33N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
April 2016
DocID026089 Rev 3
1/15
This is information on a product in full production.
www.st.com
STL33N65M2
N-
channel 650 V, 0.124 Ω typ., 20 A MDmesh™ M2
Power MOSFET in a PowerFLAT™ 8x8 HV package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on)max
ID
STL33N65M2
650 V
0.154 Ω
20 A
Extremely low gate charge
Excellent output capacitance (COSS) profile
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
This device is an N-channel Power MOSFET
developed using MDmesh™ M2 technology.
Thanks to its strip layout and an improved vertical
structure, the device exhibits low on-resistance
and optimized switching characteristics,
rendering it suitable for the most demanding high
efficiency converters.
Table 1: Device summary
Order code
Marking
Package
Packing
STL33N65M2
33N65M2
PowerFLAT™ 8x8 HV
Tape and reel
5
1
2
3
4
PowerFLA
T™ 8x8 HV


Similar Part No. - STL33N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL33N60DM2 STMICROELECTRONICS-STL33N60DM2 Datasheet
784Kb / 15P
N-channel 600 V, 0.115(ohm) typ., 21 A MDmesh DM2 Power MOSFET in a PowerFLAT 8x8 HV package
09-Mar-2016
STL33N60DM6 STMICROELECTRONICS-STL33N60DM6 Datasheet
345Kb / 14P
N-channel 600 V, 125 m typ., 21 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
15-Feb-2021
STL33N60M2 STMICROELECTRONICS-STL33N60M2 Datasheet
873Kb / 15P
Extremely low gate charge
November 2015 Rev 3
STL33N60M6 STMICROELECTRONICS-STL33N60M6 Datasheet
379Kb / 15P
N-channel 600 V, 0.115 typ., 21 A MDmesh™ M6 Power MOSFET in a PowerFLAT™ 8x8 HV package
August 2018 Rev 3
More results

Similar Description - STL33N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL57N65M5 STMICROELECTRONICS-STL57N65M5 Datasheet
1Mb / 16P
N-channel 650 V, 0.061 廓 typ., 22.5 A MDmesh??V Power MOSFET in a PowerFLAT??8x8 HV package
25-Jan-2013
STL36N55M5 STMICROELECTRONICS-STL36N55M5 Datasheet
1Mb / 17P
N-channel 550 V, 0.066 typ., 22.5 A MDmesh V Power MOSFET in a PowerFLAT 8x8 HV package
24-Jan-2013
STL23NM50N STMICROELECTRONICS-STL23NM50N Datasheet
659Kb / 13P
N-channel 500 V, 0.170 typ., 14 A MDmesh II Power MOSFET in a PowerFLAT 8x8 HV package
08-Oct-2012
STL16N65M2 STMICROELECTRONICS-STL16N65M2 Datasheet
947Kb / 16P
N-channel 650 V, 0.325 ??typ., 7.5 A MDmesh M2 Power MOSFET in a PowerFLAT™5x6 HV package
31-Oct-2014
STL45N65M5 STMICROELECTRONICS-STL45N65M5 Datasheet
878Kb / 16P
N-channel 650 V, 0.075 Ω typ., 22.5 A MDmesh™ M5 Power MOSFET in a PowerFLAT™ 8x8 HV package
October 2015 Rev 2
STL3N65M2 STMICROELECTRONICS-STL3N65M2 Datasheet
318Kb / 13P
N-channel 650 V, 1.6 typ., 2.3 A MDmesh M2 Power MOSFET in a PowerFLAT 3.3x3.3 HV package
26-May-2022
STL8N65M2 STMICROELECTRONICS-STL8N65M2 Datasheet
848Kb / 15P
N-channel 650 V, 1 typ., 4 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
30-May-2019
STL10N65M2 STMICROELECTRONICS-STL10N65M2 Datasheet
796Kb / 15P
N-channel 650 V, 0.85 typ., 4.5 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
20-Jun-2019
STL24N65M2 STMICROELECTRONICS-STL24N65M2 Datasheet
869Kb / 15P
N-channel 650 V, 0.205 typ., 14 A MDmesh M2 Power MOSFET in a PowerFLAT™ 8x8 HV package
November 2014 Rev 1
STL26N65DM2 STMICROELECTRONICS-STL26N65DM2 Datasheet
385Kb / 15P
N-channel 650 V, 0.182 typ., 20 A, MDmesh™ DM2 Power MOSFET in a PowerFLAT™ 8x8 HV package
July 2018 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com