Electronic Components Datasheet Search
  English  ▼

X  

FZ06 Datasheet(PDF) 8 Page - Vincotech

Part # FZ06
Description  2-clip housing in 12mm and 17mm height
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

FZ06 Datasheet(HTML) 8 Page - Vincotech

Back Button FZ06 Datasheet HTML 4Page - Vincotech FZ06 Datasheet HTML 5Page - Vincotech FZ06 Datasheet HTML 6Page - Vincotech FZ06 Datasheet HTML 7Page - Vincotech FZ06 Datasheet HTML 8Page - Vincotech FZ06 Datasheet HTML 9Page - Vincotech FZ06 Datasheet HTML 10Page - Vincotech FZ06 Datasheet HTML 11Page - Vincotech FZ06 Datasheet HTML 12Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
FZ06 / F0062PA075SA01
preliminary datasheet
Figure 17
Output inverter FRED
Figure 18
Output inverter FRED
Typical rate of fall of forward
Typical rate of fall of forward
and reverse recovery current as a
and reverse recovery current as a
function of collector current
function of IGBT turn on gate resistor
dI0/dt,dIrec/dt = f(IC)dI0/dt,dIrec/dt = f(Rgon)
At
At
Tj =
25/150
°C
Tj =
25/150
°C
VCE =
300
V
VR =
300
V
VGE =
±15
V
IF =
75
A
Rgon =
2
Ω
VGE =
±15
V
Figure 19
Output inverter IGBT
Figure 20
Output inverter FRED
IGBT transient thermal impedance
FRED transient thermal impedance
as a function of pulse width
as a function of pulse width
ZthJH = f(tp)ZthJH = f(tp)
At
At
D =
tp / T
D =
tp / T
RthJH =
0,48
K/W
RthJH =
0,73
K/W
IGBT thermal model values
FRED thermal model values
R (C/W)
Tau (s)
R (C/W)
Tau (s)
0,02
9,5E+00
0,02
9,5E+00
0,07
1,2E+00
0,09
1,1E+00
0,12
1,6E-01
0,14
1,4E-01
0,19
4,0E-02
0,29
3,7E-02
0,05
3,4E-03
0,11
4,7E-03
0,04
4,0E-04
0,09
4,8E-04
Output Inverter
t p (s)
10
0
10
-1
10
-2
10
-4
10
-3
10
-2
10
-1
10
0
10
11
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
t p (s)
10
0
10
-1
10
-2
10
-4
10
-3
10
-2
10
-1
10
0
10
11
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
Tj = Tjmax - 25°C
dI0/dt
dIrec/dtHigh T
dIrec/dt
Tj = 25°C
0
2000
4000
6000
8000
10000
02468
10
R gon (
Ω )
di0/dtHigh T
dIrec/dtHigh T
dIrec/dtLow T
dIo/dtLow T
0
2000
4000
6000
8000
10000
0
30
60
90
120
150
I C (A)
dIrec/dt
dI0/dt
8
Revision: 1
Copyright by Vincotech



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com