Electronic Components Datasheet Search
  English  ▼

X  

FZ06 Datasheet(PDF) 13 Page - Vincotech

Part # FZ06
Description  2-clip housing in 12mm and 17mm height
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

FZ06 Datasheet(HTML) 13 Page - Vincotech

Back Button FZ06 Datasheet HTML 7Page - Vincotech FZ06 Datasheet HTML 8Page - Vincotech FZ06 Datasheet HTML 9Page - Vincotech FZ06 Datasheet HTML 10Page - Vincotech FZ06 Datasheet HTML 11Page - Vincotech FZ06 Datasheet HTML 12Page - Vincotech FZ06 Datasheet HTML 13Page - Vincotech FZ06 Datasheet HTML 14Page - Vincotech FZ06 Datasheet HTML 15Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
FZ06 / F0062PA075SA01
preliminary datasheet
Figure 9
Output inverter FRED
Figure 10
Output inverter FRED
Turn-on Switching Waveforms & definition of tQrr
Turn-on Switching Waveforms & definition of tErec
(tQrr = integrating time for Qrr)(tErec= integrating time for Erec)
Id (100%) =
75
A
Prec (100%) =
22,63
kW
Qrr (100%) =
6,46
μC
Erec (100%) =
1,54
mJ
tQrr =
0,26
μs
tErec =
0,26
μs
Switching Definitions Output Inverter
tQrr
-150
-100
-50
0
50
100
150
3,05
3,15
3,25
3,35
3,45
3,55
%
Id
Qrr
time(us)
-20
0
20
40
60
80
100
120
3,05
3,15
3,25
3,35
3,45
3,55
time(us)
%
Prec
Erec
tErec
13
Revision: 1
Copyright by Vincotech



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com