Electronic Components Datasheet Search
  English  ▼

X  

UM1793 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1793
Description  Dynamic NFC tag expansion board based on M24SR for STM32 Nucleo
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1793 Datasheet(HTML) 7 Page - STMicroelectronics

  UM1793 Datasheet HTML 1Page - STMicroelectronics UM1793 Datasheet HTML 2Page - STMicroelectronics UM1793 Datasheet HTML 3Page - STMicroelectronics UM1793 Datasheet HTML 4Page - STMicroelectronics UM1793 Datasheet HTML 5Page - STMicroelectronics UM1793 Datasheet HTML 6Page - STMicroelectronics UM1793 Datasheet HTML 7Page - STMicroelectronics UM1793 Datasheet HTML 8Page - STMicroelectronics UM1793 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DocID026566 Rev 2
7/9
UM1793
An overview of FCC regulations
9
5
An overview of FCC regulations
5.1
Part 15.105
This equipment has been tested and found to comply with the limits for a Class B digital
device, pursuant to part 15 of the FCC Rules. These limits are designed to provide
reasonable protection against harmful interference in a residential installation. This
equipment generates uses and can radiate radio frequency energy and, if not installed and
used in accordance with the instructions, may cause harmful interference to radio
communications. However, there is no guarantee that interference will not occur in a
particular installation. If this equipment does cause harmful interference to radio or
television reception, which can be determined by turning the equipment off and on, the user
is encouraged to try to correct the interference's by one or more of the following measures:
•
Reorient or relocate the receiving antenna.
•
Increase the separation between the equipment and the receiver.
•
Connect the equipment into an outlet on a circuit different from that to which the
receiver is connected.
•
Consult the dealer or an experienced radio/TV technician for help.
5.2
Part 15.21
Any changes or modifications to this equipment not expressly approved by
STMicroelectronics may cause, harmful interference and void the FCC authorization to
operate this equipment.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com