Electronic Components Datasheet Search
  English  ▼

X  

UM1793 Datasheet(PDF) 3 Page - STMicroelectronics

Part # UM1793
Description  Dynamic NFC tag expansion board based on M24SR for STM32 Nucleo
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1793 Datasheet(HTML) 3 Page - STMicroelectronics

  UM1793 Datasheet HTML 1Page - STMicroelectronics UM1793 Datasheet HTML 2Page - STMicroelectronics UM1793 Datasheet HTML 3Page - STMicroelectronics UM1793 Datasheet HTML 4Page - STMicroelectronics UM1793 Datasheet HTML 5Page - STMicroelectronics UM1793 Datasheet HTML 6Page - STMicroelectronics UM1793 Datasheet HTML 7Page - STMicroelectronics UM1793 Datasheet HTML 8Page - STMicroelectronics UM1793 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DocID026566 Rev 2
3/9
UM1793
Features
9
2
Features
Ready-to-use printed circuit board (PCB) including:
•
M24SR64-Y dynamic NFC/RFID tag
•
31 mm x 30 mm 13.56 MHz double layer inductive antenna etched on the PCB
(ANT14)
•
Different color LEDs
•
Arduino UNO R3 connectors for Nucleo Board.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com