Electronic Components Datasheet Search
  English  ▼

X  

AD9755AST Datasheet(PDF) 18 Page - Analog Devices

Part # AD9755AST
Description  12-Bit, 300 MSPS High-Speed TxDACD/A Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9755AST Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9755AST Datasheet HTML 14Page - Analog Devices AD9755AST Datasheet HTML 15Page - Analog Devices AD9755AST Datasheet HTML 16Page - Analog Devices AD9755AST Datasheet HTML 17Page - Analog Devices AD9755AST Datasheet HTML 18Page - Analog Devices AD9755AST Datasheet HTML 19Page - Analog Devices AD9755AST Datasheet HTML 20Page - Analog Devices AD9755AST Datasheet HTML 21Page - Analog Devices AD9755AST Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
REV. 0
AD9753
–18–
APPLICATIONS
QAM/PSK Synthesis
Quadrature modulation (QAM or PSK) consists of two base-
band PAM (Pulse Amplitude Modulated) data channels. Both
channels are modulated by a common frequency carrier. How-
ever, the carriers for each channel are phase-shifted 90
° from
each other. This orthogonality allows twice the spectral effi-
ciency (data for a given bandwidth) of digital data transmitted
via AM. Receivers can be designed which selectively choose the
“in phase” and “quadrature” carriers, and then recombine the
data. The recombination of the QAM data can be mapped as
points representing digital words in a two dimensional constella-
tion as shown in Figure 27. Each point, or symbol, represents
the transmission of multiple bits in one symbol period.
0100
0101
0001
0000
0110
0111
0011
0010
1110
1111
1011
1010
1100
1101
1001
1000
Figure 27. 16 QAM Constellation, Gray Coded (Two 4-Level
PAM Signals with Orthogonal Carriers)
Typically, the I and Q data channels are quadrature-modulated
in the digital domain. The high data rate of the AD9753 allows
extremely wide band (>10 MHz) quadrature carriers to be syn-
thesized. Figure 28 shows an example of a 25 MSymbol/S
QAM signal, oversampled by eight at a data rate of 200 MSPS;
modulated onto a 25 MHz carrier and reconstructed using the
AD9753. The power in the reconstructed signal is measured to be
–11.92 dBm. In the first adjacent band, the power is –76.86 dBm
while in the second adjacent band, the power is –80.96 dBm.
–30
START 100kHz
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
12.49MHz/
STOP 125MHz
1RM
–74.34dBM
+9.71442886MHz
–76.86dBm
–80.96dBm
–11.92dBm
1 [T1]
CH PWR
ACP UP
ACP LOW
C11
C0
Cu1
C11
C0
Cu1
MARKER 1 [T1]
RBW
5kHz
RF ATT
0dB
–74.34dBm
VBW
50kHz
9.71442886MHz
SWT
12.5 s
UNIT
dBm
COMMENT A: 25 MSYMBOL, 64 QAM, CARRIER = 25MHz
1
Figure 28. Reconstructed 64-QAM Signal at a 25 MHz IF
A figure of merit for wideband signal synthesis is the ratio of signal
power in the transmitted band to the power in an adjacent chan-
nel. In Figure 28, the adjacent channel power ratio (ACPR) at
the output of the AD9753 is measured to be 65 dB. The limita-
tion on making a measurement of this type is often not the DAC
but the noise inherent in creating the digital data record using
computer tools. To find how much this is limiting the perceived
DAC performance, the signal amplitude can be reduced, as is
shown in Figure 29. The noise contributed by the DAC will
remain constant as the signal amplitude is reduced. When the
signal amplitude is reduced to the level where the noise floor
drops below that of the spectrum analyzer, ACPR will fall off at
the same rate that the signal level is being reduced. Under the
conditions measured in Figure 28, this point occurs in Figure 29
at –10 dBFS. This shows that the data record is actually degrad-
ing the measured ACPR by up to 10 dB.
A single-channel active mixer such as the Analog Devices AD8343
can then be used for the hop to the transmit frequency. Figure
30 shows an applications circuit using the AD9753 and the
AD8343. The AD8343 is capable of mixing carriers from dc
to 2.5 GHz. Figure 31 shows the result of mixing the signal
in Figure 28 up to a carrier frequency of 800 MHz. ACPR
measured at the output of the AD8343 is shown in Figure 31 to
be 59 dB.
AMPLITUDE – dBFS
80
60
40
0
–10
–20
70
50
–15
–5
Figure 29. ACPR vs. Amplitude for QAM Carrier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com