Electronic Components Datasheet Search
  English  ▼

X  

AD9755AST Datasheet(PDF) 19 Page - Analog Devices

Part # AD9755AST
Description  12-Bit, 300 MSPS High-Speed TxDACD/A Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9755AST Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9755AST Datasheet HTML 15Page - Analog Devices AD9755AST Datasheet HTML 16Page - Analog Devices AD9755AST Datasheet HTML 17Page - Analog Devices AD9755AST Datasheet HTML 18Page - Analog Devices AD9755AST Datasheet HTML 19Page - Analog Devices AD9755AST Datasheet HTML 20Page - Analog Devices AD9755AST Datasheet HTML 21Page - Analog Devices AD9755AST Datasheet HTML 22Page - Analog Devices AD9755AST Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
REV. 0
AD9753
–19–
DAC
INPUT
LATCHES
INPUT
LATCHES
PLL/DIVIDER
CLK+ CLK– PLLLOCK
DVDD AVDD
IOUTA
IOUTB
PORT 1
DATA
INPUT
PORT 2
DATA
INPUT
RSET2
1.9k
FSADJ
0.1 F
REFIO ACOM1 ACOM
DCOM
AD9753
50
50
0.1 F
0.1 F
68
68
INPM
INPP
LOIM
LOIP
OUTP
OUTM
AD8343 ACTIVE MIXER
0.1 F
0.1 F
LOINPUT
M/A-COM ETC-1-1-13 WIDEBAND BALUM
Figure 30. QAM Transmitter Architecture Using AD9753 and AD8343 Active Mixer
–20
CENTER 860MHz
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
11MHz/
SPAN 110MHz
2MA
MARKER 1 [T2]
RBW
10kHz
RF ATT
0dB
–99.88dBm
VBW
10kHz
859.91983968MHz
SWT
2.8 s
UNIT
dBm
COMMENT A: 25 MSYMBOL, 64 QAM CARRIER @ 825MHz
–99.88bBm,
+859.91983968MHz
–65.67dBm
–65.15dBm
–7.05dBm
33.10dB
–49.91983968MHz
33.10dB
–49.91983968MHz
1 [T2]
CH PWR
ACP UP
ACP LOW
1 [T2]
2 [T2]
C11
C11
C0
C0
Cu1
Cu1
1
1
2
Figure 31. Signal of Figure 28 Mixed to Carrier
Frequency of 800 MHz
Effects of Noise and Distortion on Bit Error Rate (BER)
Textbook analysis’ of Bit Error Rate (BER) performance are
generally stated in terms of E (energy in watts-per-symbol or
watts-per-bit) and NO (spectral noise density in watts/Hz). For
QAM signals, this performance is shown graphically in Figure
32. M represents the number of levels in each quadrature PAM
signal (i.e., M = 8 for 64 QAM, M = 16 for 256 QAM). Figure
32 implies grey coding in the QAM constellation, as well as the
use of matched filters at the receiver, which is typical. The hori-
zontal axis of Figure 32 can be converted to units of energy/
symbol by adding to the horizontal axis 10 log of the number of
bits in the desired curve. For instance, to achieve a BER of 1e-6
with 64 QAM, an energy per bit of 20 dB is necessary. To cal-
culate energy per symbol, we add 10 log(6), or 7.8 dB. 64 QAM
with a BER of 1e-6 (assuming no source or channel coding) can
therefore theoretically be achieved with an energy/symbol-to-
noise (E/NO) ratio of 27.8 dB. Due to the loss and interferers
inherent in the wireless path, this signal-to-noise ratio must be
realized at the receiver to achieve the given bit error rate.
Distortion effects on BER are much more difficult to determine
accurately. Most often in simulation, the energies of the stron-
gest distortion components are root-sum-squared with the noise,
and the result is treated as if it were all noise. That being said, if
the example above of 64 QAM with the BER of 1e-6, using the
E/NO ratio is much greater than the worst-case SFDR, the noise
will dominate the BER calculation.
The AD9753 has a worst-case in band SFDR of 47 dB at the
upper end of its frequency spectrum (see TPCs 4, 7). When
used to synthesize high-level QAM signals as described above,
noise, as opposed to distortion, will dominate its performance in
these applications.
SNR/BIT – dB
00
–03
–06
20
5
0
–02
–05
–01
–04
10
15
16 QAM
64 QAM
4 QAM
Figure 32. Probability of a Symbol Error for QAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com