Electronic Components Datasheet Search
  English  ▼

X  

ATF35143 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # ATF35143
Description  Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF35143 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button ATF35143 Datasheet HTML 9Page - Agilent(Hewlett-Packard) ATF35143 Datasheet HTML 10Page - Agilent(Hewlett-Packard) ATF35143 Datasheet HTML 11Page - Agilent(Hewlett-Packard) ATF35143 Datasheet HTML 12Page - Agilent(Hewlett-Packard) ATF35143 Datasheet HTML 13Page - Agilent(Hewlett-Packard) ATF35143 Datasheet HTML 14Page - Agilent(Hewlett-Packard) ATF35143 Datasheet HTML 15Page - Agilent(Hewlett-Packard) ATF35143 Datasheet HTML 16Page - Agilent(Hewlett-Packard) ATF35143 Datasheet HTML 17Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
ATF-35143 Typical Noise Parameters
VDS = 4 V, IDS = 30 mA
Freq.
Fmin
Γ
opt
Rn/50
Ga
GHz
dB
Mag.
Ang.
-
dB
0.5
0.10
0.90
3.5
0.22
20.7
0.9
0.14
0.85
12.5
0.21
19.7
1.0
0.16
0.83
14.7
0.20
19.5
1.5
0.21
0.77
25.9
0.18
18.4
1.8
0.25
0.73
32.6
0.17
17.8
2.0
0.28
0.70
37.1
0.17
17.5
2.5
0.33
0.64
49.1
0.15
16.7
3.0
0.38
0.58
62.0
0.14
16.0
4.0
0.49
0.48
90.3
0.10
14.7
5.0
0.62
0.40
121.2
0.07
13.5
6.0
0.74
0.35
154.0
0.05
12.5
7.0
0.87
0.32
-172.2
0.06
11.5
8.0
0.99
0.31
-138.0
0.09
10.7
9.0
1.11
0.34
-104.2
0.15
10.0
10.0
1.24
0.39
-71.6
0.26
9.5
FREQUENCY (GHz)
Figure 25. MSG/MAG and |S21|
2 vs.
Frequency at 4 V, 30 mA.
020
510
15
MSG
MAG
S21
30
25
20
15
10
5
0
-5
Notes:
1. Fmin values at 2 GHz and higher are based on measurements while the Fmins below 2 GHz have been extrapolated. The Fmin values are
based on a set of 16 noise figure measurements made at 16 different impedances using an ATN NP5 test system. From these measure-
ments a true Fmin is calculated. Refer to the noise parameter application section for more information.
2. S and noise parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. The input reference plane is at the
end of the gate lead. The output reference plane is at the end of the drain lead. The parameters include the effect of four plated
through via holes connecting source landing pads on top of the test carrier to the microstrip ground plane on the bottom side of the
carrier. Two 0.020 inch diameter via holes are placed within 0.010 inch from each source lead contact point, one via on each side of
that point.
ATF-35143 Typical Scattering Parameters, V
DS = 4 V, IDS = 30 mA
Freq.
S11
S21
S12
S22
MSG/MAG
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
dB
0.50
0.99
-21.11
18.54
8.45
163.20
-33.98
0.020
77.63
0.56
-14.66
26.26
0.75
0.96
-32.57
18.38
8.30
153.72
-30.75
0.029
70.15
0.54
-20.35
24.55
1.00
0.94
-42.70
18.13
8.07
145.56
-28.64
0.037
64.68
0.53
-26.91
23.38
1.50
0.88
-61.55
17.53
7.53
130.19
-25.68
0.052
53.94
0.50
-39.45
21.61
1.75
0.85
-70.46
17.20
7.24
123.00
-24.58
0.059
49.29
0.48
-45.29
20.90
2.00
0.82
-79.07
16.84
6.95
116.04
-23.88
0.064
44.64
0.46
-50.94
20.36
2.50
0.76
-95.78
16.14
6.41
102.91
-22.62
0.074
36.30
0.43
-61.54
19.38
3.00
0.71
-112.14
15.43
5.91
90.63
-21.72
0.082
28.32
0.40
-71.17
18.58
4.00
0.62
-144.46
14.04
5.03
68.03
-20.72
0.092
13.98
0.34
-87.95
17.38
5.00
0.57
-174.93
12.76
4.34
47.35
-20.00
0.100
1.12
0.28
-104.23
16.38
6.00
0.55
157.13
11.61
3.81
28.07
-19.49
0.106
-11.07
0.22
-120.69
15.55
7.00
0.55
129.56
10.54
3.37
9.35
-19.25
0.109
-23.07
0.17
-139.29
14.19
8.00
0.57
104.96
9.55
3.00
-8.62
-18.94
0.113
-33.33
0.13
-160.54
12.47
9.00
0.60
82.47
8.53
2.67
-26.19
-18.79
0.115
-44.34
0.09
169.67
11.33
10.00
0.64
63.23
7.64
2.41
-43.13
-18.49
0.119
-54.44
0.07
128.74
10.70
11.00
0.68
45.01
6.74
2.17
-60.63
-18.27
0.122
-65.68
0.09
78.47
10.10
12.00
0.72
26.69
5.79
1.95
-78.09
-18.13
0.124
-77.35
0.15
47.96
9.40
13.00
0.74
8.00
4.71
1.72
-95.00
-18.27
0.122
-88.59
0.22
28.53
8.47
14.00
0.77
-5.46
3.64
1.52
-110.50
-18.42
0.120
-98.13
0.28
8.38
7.69
15.00
0.82
-16.18
2.65
1.36
-126.04
-18.49
0.119
-108.03
0.34
-8.46
7.76
16.00
0.82
-28.39
1.62
1.21
-142.14
-18.49
0.119
-118.41
0.40
-22.93
6.75
17.00
0.85
-40.51
0.64
1.08
-156.61
-18.49
0.119
-129.54
0.46
-32.29
6.53
18.00
0.86
-56.36
-0.44
0.95
-172.55
-18.86
0.114
-140.19
0.52
-43.97
6.00
88759/05-4.PM6.5J
2001.04.26, 9:16 AM
Page 13
Adobe PageMaker 6.5J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com